Electronic Components Datasheet Search
  English  ▼

X  

LM4041 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # LM4041
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM4041 Datasheet(HTML) 1 Page - Diodes Incorporated

  LM4041 Datasheet HTML 1Page - Diodes Incorporated LM4041 Datasheet HTML 2Page - Diodes Incorporated LM4041 Datasheet HTML 3Page - Diodes Incorporated LM4041 Datasheet HTML 4Page - Diodes Incorporated LM4041 Datasheet HTML 5Page - Diodes Incorporated LM4041 Datasheet HTML 6Page - Diodes Incorporated LM4041 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LM4041
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4041
Document number: DS32020 Rev. 7 - 2
1 of 7
www.diodes.com
December 2010
© Diodes Incorporated
Description
The LM4041 is a bandgap circuit designed to achieve a
precision micro-power voltage reference of 1.225 V. The
device is available in the small outline SOT23 and SC70-5
surface mount packages which are ideal for applications
where space saving is important.
Both packages are available to 0.5% C grade and 1%
D grade for precision applications. Excellent performance is
maintained over the 60µA to 12mA operating current range
with a typical temperature coefficient of only 20ppm/°C. The
device has been designed to be highly tolerant of capacitive
loads so maintaining excellent stability.
This device offers a pin for pin compatible alternative to the
LM4041 voltage reference in both adjustable and 1.225V
output variants.
Features
•
Small packages:
SOT23, SC70-5
•
No output capacitor required
•
Output voltage tolerance
•
LM4041C
±0.5% at 25°C
•
LM4041D
±1% at 25°C
•
Low output noise
20µVrms
(10Hz to 10kHz)
•
Wide operating current range
60µA to 12mA
•
Extended temperature range
-40°C to +125°C
•
Low temperature coefficient
100ppm/°C (max)
Applications
•
Battery powered equipment
•
Precision power supplies
•
Portable instrumentation
•
Portable communications devices
•
Notebook and palmtop computers
•
Data acquisition systems
Pin Assignments
LM4041_F (SOT23)
Pin 3 must left floating or connected to pin 2.
LM4041_ADJF….(SOT23)
LM4041_H5
(SC70-5)
Pin 2 must be left floating or connected to pin 1
LM4041_ADJH5
(SC70-5)
3
N/C
CATHODE
1
ANODE
2
3 ANODE
REF
1
CATHODE
2
5
N/C
ANODE
1
CATHODE
3
N/C
2
4
N/C
5
REF
4
N/C
N/C
1
ANODE
2
CATHODE
3


Similar Part No. - LM4041

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4041 NSC-LM4041 Datasheet
277Kb / 19P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041 TI-LM4041 Datasheet
509Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041 TI-LM4041 Datasheet
501Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Zetex Semiconductors
LM4041 ZETEX-LM4041 Datasheet
106Kb / 6P
1.225V Precision micropower shunt voltage reference
logo
Texas Instruments
LM4041 TI-LM4041 Datasheet
664Kb / 28P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Similar Description - LM4041

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
Precision micropower shunt voltage references
LM4040 ZETEX-LM4040_08 Datasheet
951Kb / 12P
Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 5
logo
Analog Devices
ADR5040 AD-ADR5040 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 8
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 2
logo
Analog Devices
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
ADR5044 AD-ADR5044_15 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
logo
Diodes Incorporated
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 7
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com