Electronic Components Datasheet Search
  English  ▼

X  

LM4041 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # LM4041
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM4041 Datasheet(HTML) 6 Page - Diodes Incorporated

  LM4041 Datasheet HTML 1Page - Diodes Incorporated LM4041 Datasheet HTML 2Page - Diodes Incorporated LM4041 Datasheet HTML 3Page - Diodes Incorporated LM4041 Datasheet HTML 4Page - Diodes Incorporated LM4041 Datasheet HTML 5Page - Diodes Incorporated LM4041 Datasheet HTML 6Page - Diodes Incorporated LM4041 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LM4041
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4041
Document number: DS32020 Rev. 7 - 2
6 of 7
www.diodes.com
December 2010
© Diodes Incorporated
Ordering Information
25°C
Tol
Voltage
(V)
ORDER CODE
PACK
PART
MARK
STATUS
REEL SIZE
TAPE
WIDTH
QUANTITY PER
REEL
0.5%
1.225
LM4041CFTA
SOT23
R1C
Active
7”, 180mm
8mm
3000
LM4041CH5TA
SC70-5
R1C
Active
7”, 180mm
8mm
3000
1%
1.225
LM4041DFTA
SOT23
R1D
Active
7”, 180mm
8mm
3000
LM4041DH5TA
SC70-5
R1D
Active
7”, 180mm
8mm
3000
Adj
LM4041DADJFTA
SOT23
RAD
Active
7”, 180mm
8mm
3000
LM4041DADJH5TA
SC70-5
RAD
Active
7”, 180mm
8mm
3000
Package Outline Information



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com