Electronic Components Datasheet Search
  English  ▼

X  

TLV431 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # TLV431
Description  1.24V COST EFFECTIVE SHUNT REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TLV431 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button TLV431 Datasheet HTML 5Page - Diodes Incorporated TLV431 Datasheet HTML 6Page - Diodes Incorporated TLV431 Datasheet HTML 7Page - Diodes Incorporated TLV431 Datasheet HTML 8Page - Diodes Incorporated TLV431 Datasheet HTML 9Page - Diodes Incorporated TLV431 Datasheet HTML 10Page - Diodes Incorporated TLV431 Datasheet HTML 11Page - Diodes Incorporated TLV431 Datasheet HTML 12Page - Diodes Incorporated TLV431 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TLV431
TLV431
Document number: DS32088 Rev. 4 - 2
9 of 14
www.diodes.com
November 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information (Continued)
Printed circuit board layout considerations
The TLV431 in the SOT25 package has the die attached to pin 2, which results in an electrical contact between pin 2 and pin 5.
Therefore, pin 2 of the SOT25 package must be left floating or connected to pin 5.
TLV431 in the SC70-6 package has the die attached to pin 2 and 5, which results in an electrical contact between pins 2, 5 and
pin 6. Therefore, pins 2 and 5 must be left floating or connected to pin 6.
Other applications of the TLV431
⎟
⎠
⎞
⎜
⎝
⎛
+
=
2
R
1
R
1
REF
V
OUT
V
B
I
SH
I
OUT
V
IN
V
3
R
+
−
=
B
I
BE
V
4
R
=
mA
15
I
h
I
B
(min)
FE
SH
≤
<
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
Figure 3. High current shunt regulator
It may at times be required to shunt-regulate more current than the 15mA that the TLV431 is capable of.
Figure 3 shows how this can be done using transistor Q1 to amplify the TLV431’s current. Care needs to be taken that the
power dissipation and/or SOA requirements of the transistor is not exceeded.
⎟
⎠
⎞
⎜
⎝
⎛ +
=
2
R
1
R
1
REF
V
OUT
V
B
I
)
BE
V
OUT
V
(
IN
V
3
R
+
−
=
mA
15
B
I
(min)
FE
h
(max)
OUT
I
≤
<
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
Figure 4. Basic series regulator
A very effective and simple series regulator can be implemented as shown in Figure 4 above. This may be preferable if the load
requires more current than can be provided by the TLV431 alone and there is a need to conserve power when the load is not
being powered. This circuit also uses one component less than the shunt circuit shown in Figure 3 above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com