Electronic Components Datasheet Search
  English  ▼

X  

TLV431 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # TLV431
Description  1.24V COST EFFECTIVE SHUNT REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TLV431 Datasheet(HTML) 3 Page - Diodes Incorporated

  TLV431 Datasheet HTML 1Page - Diodes Incorporated TLV431 Datasheet HTML 2Page - Diodes Incorporated TLV431 Datasheet HTML 3Page - Diodes Incorporated TLV431 Datasheet HTML 4Page - Diodes Incorporated TLV431 Datasheet HTML 5Page - Diodes Incorporated TLV431 Datasheet HTML 6Page - Diodes Incorporated TLV431 Datasheet HTML 7Page - Diodes Incorporated TLV431 Datasheet HTML 8Page - Diodes Incorporated TLV431 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TLV431
TLV431
Document number: DS32088 Rev. 4 - 2
3 of 14
www.diodes.com
November 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Electrical Characteristics
Electrical characteristics over recommended operating conditions, IKA = 10mA, TA = 25°C, unless otherwise stated
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VREF
Reference Voltage
VKA = VREF,
TA = 25°C
TLV431A
1.228
1.24
1.252
V
TLV431B
1.234
1.24
1.246
VKA = VREF,
TA = 0 to 70°C
TLV431A
1.221
1.259
TLV431B
1.227
1.253
VKA = VREF,
TA = -40 to 85°C
TLV431A
1.215
1.265
TLV431B
1.224
1.259
VKA = VREF,
TA = -40 to 125°C
TLV431A
1.209
1.271
TLV431B
1.221
1.265
VREF(dev)
Deviation of reference
voltage over full
temperature range
VKA = VREF
TA = 0 to 70°C
4
12
mV
TA = -40 to 85°C
6
20
TA = -40 to 125°C
11
31
ΔVREF
ΔVKA
Ration of change in
refernce voltage to the
change in cathode
voltage
VKA for VREF to
6V
-1.5
-2.7
mV/V
18V
-1.5
-2.7
IREF
Refernce Input
Current
R1 = 10kΩ, R2 = OC
0.15
0.5
µA
IREF(dev)
IREF deviation over full
temperature range
R1 = 10kΩ,
R2 = OC
TA = 0 to 70°C
0.05
0.3
µA
TA = -40 to 85°C
0.1
0.4
TA = -40 to 125°C
0.15
0.5
IKMIN
Minimum cathode
current for regulation
VKA = VREF
TA = 0 to 70°C
55
80
µA
TA = -40 to 85°C
55
80
TA = -40 to 125°C
55
100
IK(OFF)
Off state current
VKA = 18V, VREF = 0V
0.001
0.1
µA
ZKA
Dynamic output
impedance
VKA = VREF, f = <1kHz
IK = 0.1 to 15mA
0.25
0.4
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com