Electronic Components Datasheet Search
  English  ▼

X  

TLV431 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # TLV431
Description  1.24V COST EFFECTIVE SHUNT REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TLV431 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button TLV431 Datasheet HTML 6Page - Diodes Incorporated TLV431 Datasheet HTML 7Page - Diodes Incorporated TLV431 Datasheet HTML 8Page - Diodes Incorporated TLV431 Datasheet HTML 9Page - Diodes Incorporated TLV431 Datasheet HTML 10Page - Diodes Incorporated TLV431 Datasheet HTML 11Page - Diodes Incorporated TLV431 Datasheet HTML 12Page - Diodes Incorporated TLV431 Datasheet HTML 13Page - Diodes Incorporated TLV431 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TLV431
TLV431
Document number: DS32088 Rev. 4 - 2
11 of 14
www.diodes.com
November 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information (Continued)
Printed circuit board layout considerations (continued)
⎟
⎠
⎞
⎜
⎝
⎛ +
=
2
R
1
R
1
REF
V
OUT
V
)
REF
V
REG
V
(
OUT
V
+
≥
B
I
)
REG
V
OUT
V
(
IN
V
3
R
−
−
=
mA
18
B
I
mA
1
.
0
≤
≤
(All features of the regulator such
as short circuit protection,
thermal shutdown, etc, are
maintained.)
Figure 7. Adjustable linear voltage regulator
Figure 7 is similar to Figure 6 with adjustability added. Note the addition of R3. This is only required for the AP1117 due to the
fact that its ground or adjustment pin can only supply a few micro-Amps of current at best. R3 is therefore needed to provide
sufficient bias current for the TLV431.
Ordering Information
Tol.
Orde Code
Pack
Part Mark
Status
Reel Size
Tape Width
Quanity per
Reel
1%
TLV431AE5TA
SOT25
V1A
Active
7”, 180mm
8mm
3000
TLV431AFTA
SOT23
V1A
Active
7”, 180mm
8mm
3000
TLV431AH6TA
SC70-6
V1A
Active
7”, 180mm
12mm
1000
0.5%
TLV431BE5TA
SOT25
V1B
Active
7”, 180mm
8mm
3000
TLV431BFTA
SOT23
V1B
Active
7”, 180mm
8mm
3000
TLV431BH6TA
SC70-6
V1B
Active
7”, 180mm
12mm
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com