Electronic Components Datasheet Search
  English  ▼

X  

LB1997 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LB1997
Description  Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1997 Datasheet(HTML) 8 Page - Sanyo Semicon Device

  LB1997 Datasheet HTML 1Page - Sanyo Semicon Device LB1997 Datasheet HTML 2Page - Sanyo Semicon Device LB1997 Datasheet HTML 3Page - Sanyo Semicon Device LB1997 Datasheet HTML 4Page - Sanyo Semicon Device LB1997 Datasheet HTML 5Page - Sanyo Semicon Device LB1997 Datasheet HTML 6Page - Sanyo Semicon Device LB1997 Datasheet HTML 7Page - Sanyo Semicon Device LB1997 Datasheet HTML 8Page - Sanyo Semicon Device LB1997 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LB1997
No. 5978-8/9
Pin number
Pin name
Pin voltage
Equivalent circuit
Pin function
10
2V to 3V
11
12
13
PWR GND
15
16
20
R F
8C C
3
BRAKE
Continued from preceding page
Control reference voltage supply
pin. Determines control start
voltage.
Speed control voltage supply pin
V type control technique
VC > VCREF : Forward
VC < VCREF : Slowdown
(Reverse-blocking circuit built in to
prevent reverse rotation.)
W phase output
Output transistor GND
V phase output
U phase output
Upper side output PNP transistor
collector pin (common for all 3
phases). For current detection,
connect resistor between VCC3
pin and RF pin. Constant current
control and current limiter works
by detecting this voltage.
V type control/single-side control
switching pin
CC:
High –> Single-side control
Low/Open –> V type control
Short brake pin
BRAKE:
High –> Short brake operation
Low/Open –> Motor drive operation
VCREF
VC
0V to VCC1
WOUT
VOUT
UOUT
22
25
µA
100
µA
100
µA
25
µA
VCC1
200
Ω
10 k
Ω
15 k
Ω
30 k
Ω
30 k
Ω
200
Ω
21
A11189
5
24
VCC2
3.9
Ω
3.9
Ω
23
1
2
A11190
19
VCC1
8 k
Ω
8 k
Ω
50 k
Ω
75 k
Ω
A11191
100
µA
16
VCC1
50 k
Ω
75 k
Ω
A11192



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com