Electronic Components Datasheet Search
  English  ▼

X  

LB1997 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LB1997
Description  Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1997 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LB1997 Datasheet HTML 1Page - Sanyo Semicon Device LB1997 Datasheet HTML 2Page - Sanyo Semicon Device LB1997 Datasheet HTML 3Page - Sanyo Semicon Device LB1997 Datasheet HTML 4Page - Sanyo Semicon Device LB1997 Datasheet HTML 5Page - Sanyo Semicon Device LB1997 Datasheet HTML 6Page - Sanyo Semicon Device LB1997 Datasheet HTML 7Page - Sanyo Semicon Device LB1997 Datasheet HTML 8Page - Sanyo Semicon Device LB1997 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LB1997
No. 5978-6/9
Sample Application Circuit
1 RS
28
VH
2 FG
27
WIN1
3 BRAKE
26
WIN2
4 S/S
25
VIN1
5 NC
24
VIN2
6 NC
FRAME GND
23
UIN1
7 SIG GND
22
UIN2
FRAME GND
8 CC
21
VCC1
9 FC
20
RF
10 VCREF
19
NC
11 VC
18
VCC3
12 WOUT
17
VCC2
13 PWR GND
16
UOUT
14 NC
15
VOUT
LB1997
A11183
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.2 to 0.5
Ω
0.047
µF
0.047
µF
0.047
µF
5V
12V
BRAKE
S/S
CC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com