Electronic Components Datasheet Search
  English  ▼

X  

LB1997 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1997
Description  Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1997 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1997 Datasheet HTML 1Page - Sanyo Semicon Device LB1997 Datasheet HTML 2Page - Sanyo Semicon Device LB1997 Datasheet HTML 3Page - Sanyo Semicon Device LB1997 Datasheet HTML 4Page - Sanyo Semicon Device LB1997 Datasheet HTML 5Page - Sanyo Semicon Device LB1997 Datasheet HTML 6Page - Sanyo Semicon Device LB1997 Datasheet HTML 7Page - Sanyo Semicon Device LB1997 Datasheet HTML 8Page - Sanyo Semicon Device LB1997 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LB1997
No. 5978-1/9
LB1997
Three-Phase Brushless Motor Driver
for CD-ROM Spindle Drive
Monolithic Digital IC
The LB1997 is a three-phase brushless motor driver
especially suited for CD-ROM spindle motor drives.
Functions
• Current linear drive
• Control V type amplifier
• Separate power supply for output upper side bias
circuit allows low output saturation by boosting this
power supply only (useful for 5V power supply types).
• Upper side current detection technique reduces loss
voltage of current detection resistor. Voltage effect of
this resistor reduces internal current drain of IC.
• Built-in short braking circuit
• Built-in reverse blocking circuit
• Hall FG output
• Built-in S/S function
• Built-in current limiter circuit
• Built-in Hall power supply
• Built-in thermal shutdown circuit
• V type control/single-side control switching pin allows
CLV and CAV operation.
Package Dimensions
unit: mm
3222-HSOP28
[LB1997]
Overview
SANYO : HSOP28
Ordering number : EN5978A
60499RM(KI)/22699RM(KI)
114
0.3
0.8
15
28
2.7
15.2
0.8
0.2
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
0
–20
20
40
60
75 80
100
0.4
0.8
1.2
1.6
2.0
0
Ambient temperature, Ta –
°C
Pd max – Ta
With substrate
1.5
0.6
IC only


Similar Part No. - LB1997

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1991 SANYO-LB1991 Datasheet
179Kb / 7P
Three-Phase Brushless Motor Driver for Portable VCR Capstan Motors
LB1991V SANYO-LB1991V Datasheet
179Kb / 7P
Three-Phase Brushless Motor Driver for Portable VCR Capstan Motors
LB1991V SANYO-LB1991V Datasheet
135Kb / 7P
For Fan Motor 3-phase Brushless Motor Driver
LB1991V SANYO-LB1991V_09 Datasheet
135Kb / 7P
For Fan Motor 3-phase Brushless Motor Driver
LB1995 SANYO-LB1995 Datasheet
92Kb / 9P
Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
More results

Similar Description - LB1997

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11995 SANYO-LB11995 Datasheet
97Kb / 10P
Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB11997H SANYO-LB11997H Datasheet
74Kb / 8P
Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1893 SANYO-LB1893 Datasheet
159Kb / 8P
3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
LB1894M SANYO-LB1894M Datasheet
142Kb / 7P
3-Phase Brushless Motor Driver for CD-ROM Spindle Motors?
LB1896 SANYO-LB1896 Datasheet
95Kb / 8P
3-phase Brushless Motor Driver for CD-ROM Spindle Drive Use
LB1995 SANYO-LB1995 Datasheet
92Kb / 9P
Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1996 SANYO-LB1996 Datasheet
90Kb / 9P
Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1998 SANYO-LB1998 Datasheet
91Kb / 9P
Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com