Electronic Components Datasheet Search
  English  ▼

X  

13892 Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button 13892_11 Datasheet HTML 61Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 62Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 63Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 64Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 65Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 66Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 67Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 68Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 156 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
65
13892
FUNCTIONAL DEVICE OPERATION
OPERATING MODES
POWER SAVING
SYSTEM STANDBY
A product may be designed to go into DSM after periods of inactivity, such as if a music player completes a play list and no
further activity is detected, or if a gaming interface sits idle for an extended period. Two Standby pins are provided for board level
control of timing in and out of such deep sleep modes.
When a product is in DSM it may be able to reduce the overall platform current by lowering the switcher output voltage,
disabling some regulators, or forcing some GPO low. This can be obtained by SPI configuration of the Standby response of the
circuits along with control of the Standby pins.
To ensure that shared resources are properly powered when required, the system will only be allowed into Standby when both
the STANDBY and the STANDBYSEC are activated. The states of the Standby pins only have influence in On mode. A command
to transition to one of the Low Power Off states (User Off or Memory Hold, initiated with USEROFFSPI = 1) has priority over
Standby.
Note that the Standby pins are programmable for Active High or Active Low polarity, and that decoding of a Standby event will
take into account the programmed input polarities associated with each pin.
Table 30. Standby Pin and Polarity Control
0
0
x
x
0
x
x
0
0
0
1
1
x
x
0
x
x
1
1
0
0
1
0
1
1
0
1
1
0
1
1
0
0
1
1
1
0
1
0
1
Notes
46.
STANDBY = 0: System is not in Standby; STANDBY = 1: System is in Standby and Standby programmability is activated.
When requesting standby, a programmable delay (STBYDLY) of 0 to 3 clock cycles of the 32 kHz clock is applied before
actually going into standby (i.e. before turning off some supplies). No delay is applied when coming out of standby.
Table 31. Delay of STANDBY- Initiated Response
00
No Delay
01
One 32 K period (default)
10
Two 32 K periods
11
Three 32 K periods
REGULATOR MODE CONTROL
The regulators with embedded pass devices (VDIG, VPLL, VIOHI, VUSB, VUSB2, and VAUDIO) have an adaptive biasing
scheme, thus, there are no distinct operating modes such as a Normal mode and a Low Power mode. Therefore, no specific
control is required to put these regulators in a Low Power mode.
The regulators with external pass devices (VSD, VVIDEO, VGEN1, and VGEN2) can also operate in a Normal and Low Power
mode. However, since a load current detection cannot be performed for these regulators, the transition between both modes is
not automatic and is controlled by setting the corresponding mode bits for the operational behavior desired.
The regulators VGEN3 and VCAM can be configured for using the internal pass device or external pass device as explained
in Power Control System. For both configurations, the transition between Normal and Low Power modes is controlled by setting
the VxMODE bit for the specific regulator. Therefore, depending on the configuration selected, the automatic Low Power mode
is available.
The regulators can be disabled and the general purpose outputs can be forced low when going into Standby as described
previously. Each regulator and GPO has an associated SPI bit for this. When the bit is not set, STANDBY is of no influence. The
actual operating mode of the regulators as a function of STANDBY is not reflected through the SPI. In other words, the SPI will
read back what is programmed, not the actual state.
STANDBY (Pin)
STANDBYINV (SPI bit)
STANDBYSEC (Pin)
STANDBYSECINV (SPI bit)
STANDBY Control (46)
STBYDLY[1:0]
Function (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com