Electronic Components Datasheet Search
  English  ▼

X  

13892 Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button 13892_11 Datasheet HTML 71Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 72Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 73Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 74Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 75Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 76Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 77Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 78Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 156 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
75
13892
FUNCTIONAL DEVICE OPERATION
SUPPLIES
Since the startup default values of the buck switchers are dependent on the state of the PUMS pin, the SWxHI bit settings will
likewise be determined by the PUMS pin. The settings are aligned to the likely application ranges for use cases as given in the
Defaults tables in Power Control System. The following tables define the SWxHI bit states after a startup event is completed, but
can be reconfigured via the SPI if desired, if an alternate range is needed. Care should be taken when changing SWxHI bit to
avoid unintended jumps in the switcher output. The SWxHI setting applies to Normal, Standby, and DVS set points for the
corresponding switcher.
Table 48. SWxHI States for Power Up Defaults
0
0
0
0
0
0
0
0
0
0
1
1
0
0
0
0
1
1
1
1
1
1
1
1
Note that the following efficiency curves were measured with the MC13892 in a socket.
29
11101
1.325
1.825
30
11110
1.350
1.850
31
11111
1.375
1.850
59.
Output range not available for SW1. SW1 output range is 0.600-1.375, therefore SW1HI = 1 does not apply to SW1. The SW1HI bit
should always be set to 0.
PUMS1
Ground
Open
VCOREDIG
VCORE
Ground
Open
PUMS2
Open
Open
Open
Open
Ground
Ground
SW1HI
SW2HI
SW3HI
SW4HI
Table 47. Buck Switchers (SW1, 2, 3, 4) Output Voltage Programmability
Set point
SWx[4:0]
SWx Output, SWxHI = 0 (Volts)
SWx Output (59), SWxHI = 1 (Volts)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com