Electronic Components Datasheet Search
  English  ▼

X  

13892 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  13892_11 Datasheet HTML 1Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 2Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 3Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 4Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 5Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 6Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13892_11 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 156 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
13892
DEVICE VARIATIONS
DEVICE VARIATIONS
Table 1. MC13892 Device Variations Table
Device Variation(1)
Package
Temperature
Range (TA)
Errata Doc #
Pin Out
Supplemental Functionality
MC13892VK(3)
MC13892JVK(3)
139-PIN 7x7mm
BGA
-40 to +85 °C
MC13892ER
Figure 3
Standard Part
MC13892AJVK(2)
MC13892ER
Figure 3
Global Reset Function
MC13892BJVK(4)
Programmable Global Reset
Function
MC13892VL(3)
MC13892JVL(3)
186-PIN
12x12mm BGA
-40 to +85 °C
MC13892ER
Figure 4
Standard Part
MC13892AJVL(2)
MC13892ER
Figure 4
Global Reset Function
MC13892BJVL(4)
Programmable Global Reset
Function
Notes
1.
For Tape and Reel product, add “/R2” as a suffix to the device number.
2.
Recommended for all new designs
3.
Not recommended for new designs
4.
Backward compatable replacement part for MC13892VK, MC13892JVK, MC13892VL and MC13892JVL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com