Electronic Components Datasheet Search
  English  ▼

X  

LC5824 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC5824
Description  4-Bit Single-Chip Microcontrollers Featuring 4 KB to 8 KB of ROM, 1 Kbit of RAM, and an LCD Driver for Medium Speed Small-Scale Control Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC5824 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC5824 Datasheet HTML 1Page - Sanyo Semicon Device LC5824 Datasheet HTML 2Page - Sanyo Semicon Device LC5824 Datasheet HTML 3Page - Sanyo Semicon Device LC5824 Datasheet HTML 4Page - Sanyo Semicon Device LC5824 Datasheet HTML 5Page - Sanyo Semicon Device LC5824 Datasheet HTML 6Page - Sanyo Semicon Device LC5824 Datasheet HTML 7Page - Sanyo Semicon Device LC5824 Datasheet HTML 8Page - Sanyo Semicon Device LC5824 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Improved I/O Functions
• External interrupt pins
• Input pins that can clear halt mode:
10 pins (maximum)
• Input ports with input resistors that can be controlled
from software:
8 pins (maximum)
• Pins with a function that prevents the input port floating
state:
8 pins (maximum)
• LCD drive pins: 4 pins (common), 42 pins (segment outputs)
• General-purpose I/O ports:
16 pins (when all 4 P port pins are used)
• General-purpose inputs:
8 pins
• General-purpose outputs (1): 1 pin (the ALM pin)
• General-purpose outputs (2): 42 pins (when all 42 of the
LCD segment outputs are
switched over to function as
general-purpose outputs)
• 8-bit serial output port:
1 set (3 pins: output, input,
and clock)
Functional Overview
• Program ROM: 4096
× 16 bits
LC5824
3072
× 16 bits
LC5823
2048
× 16 bits
LC5822
• Internal RAM: 256
× 4 bits
• All instructions execute in a single cycle.
• Extensive set of interrupt functions for clearing halt and
hold mode
— 8 halt mode clearing functions
— 5 hold mode clearing functions
— 6 interrupt functions
— Subroutines can be nested up to 8 levels (Special-
purpose registers that are shared with the interrupt
function are built in.)
• Powerful hardware to increase system processing capacity
— Segment port related hardware
Built-in segment PLA circuit
Built-in segment decoder
Support for six different LCD drive specifications
Outputs can be switched to CMOS levels
— Built-in 8-bit synchronous serial I/O circuit
— 8-bit read/write timer (plus a separate 8-bit
prescaler; can be used as and event counter)
— 8-bit reload timer (plus built-in 8-bit prescaler)
— Built-in 8-bit prescaler (for use with timer 1, timer 2,
and the serial counter)
— All of RAM can be used a working area (RAM bank
system)
— Dedicated data pointer register for RAM access
— 15-stage divider circuit for clocks (also used as the
LCD voltage alternation frequency generator)
— 8-bit table reference function (reads 8-bit ROM data)
— Chattering prevention circuit (on two ports)
— Alarm signal generation circuit
• LCD panel drive output pins with high flexibility
(42 pins)
— The LCD output pins can be switched to function as
general-purpose outputs.
CMOS/p-channel/n-channel type combinations: Up
to 42 pins
— An alternation frequency appropriate for the LCD
panel used can be selected.
• An oscillator appropriate for your system’s specifications
can be selected.
— A 32- or 65-kHz crystal oscillator can be selected
(Used when a clock function is required or for low
current drain operation.)
— A ceramic oscillator with a frequency from 400 kHz
to 2 MHz can be selected (when high-speed
operation is required.)
Available delivery formats: QIP-80 and chip
Package Dimensions
unit: mm
3174-QFP80E
No. 5944-2/24
LC5824, LC5823, LC5822
Drive system
Number of driven segments Required number of common pins
bias · duty
168 segments
4 pins
bias · duty
126 segments
3 pins
bias · duty
168 segments
4 pins
bias · duty
126 segments
3 pins
bias · duty
84 segments
2 pins
Static drive
42 segments
1 pin
[LC5824, 5823, 5822]
SANYO: QIP80E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com