Electronic Components Datasheet Search
  English  ▼

X  

LC5824 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC5824
Description  4-Bit Single-Chip Microcontrollers Featuring 4 KB to 8 KB of ROM, 1 Kbit of RAM, and an LCD Driver for Medium Speed Small-Scale Control Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC5824 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC5824 Datasheet HTML 1Page - Sanyo Semicon Device LC5824 Datasheet HTML 2Page - Sanyo Semicon Device LC5824 Datasheet HTML 3Page - Sanyo Semicon Device LC5824 Datasheet HTML 4Page - Sanyo Semicon Device LC5824 Datasheet HTML 5Page - Sanyo Semicon Device LC5824 Datasheet HTML 6Page - Sanyo Semicon Device LC5824 Datasheet HTML 7Page - Sanyo Semicon Device LC5824 Datasheet HTML 8Page - Sanyo Semicon Device LC5824 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
No. 5944-4/24
LC5824, LC5823, LC5822
Pad Arrangement
Chip size: 4.92 mm
× 5.15 mm
Pad size: 120 µm
× 120 µm
Chip thickness 480 µm (chip specifications)
Pad Coordinates
PAD No.
Pin
Coordinates
X µm
Y µm
60
Seg 22
–2030
–2178
61
Seg 23
–1850
–2178
62
Seg 24
–1670
–2178
63
Seg 25
–1490
–2178
64
Seg 26
–1310
–2178
65
Seg 27
–1130
–2178
66
Seg 28
–950
–2178
67
Seg 29
–770
–2178
68
Seg 30
–590
–2178
69
Seg 31
–410
–2178
70
Seg 32
–230
–2178
71
Seg 33
–50
–2178
72
Seg 34
122
–2178
73
Seg 35
302
–2178
74
Seg 36
482
–2178
75
Seg 37
662
–2178
76
Seg 38
842
–2178
77
Seg 39
1022
–2178
78
Seg 40
1202
–2178
79
Seg 41
1382
–2178
80
Seg 42
1562
–2178
81
XC
1774
–2178
82
XTOUT
1954
–2178
83
XTIN
2134
–2178
1
VDD
2257
–1959
2
VSS
2257
–1779
3
CFIN/P1
2257
–1599
4
CFOUT/P2
2257
–1402
PAD No.
Pin
Coordinates
X µm
Y µm
5
VDD3
2257
–1212
6
VDD2/BAK
2257
–1032
7
VDD1
2257
–852
8
ALM
2257
–601
9
SO1
2257
–419
10
SO2 I/O port
2257
–236
11
SO3 I/O port
2257
56
12
SO4 I/O port
2257
132
13
M1
2257
364
14
M2 I/O port
2257
544
15
M3 I/O port
2257
724
16
M4 I/O port
2257
904
17
RES I/O port
2257
1636
18
Test
2330
1998
19
Test
2330
2178
20
TST
2150
2178
21
CUP1
1970
2178
22
CUP2
1790
2178
23
Seg 1
1606
2178
24
Seg 2
1426
2178
25
Seg 3
1246
2178
26
Seg 4
1066
2178
27
Seg 5
886
2178
28
Seg 6
706
2178
29
Seg 7
526
2178
30
Seg 8
346
2178
31
Seg 9
166
2178
32
Seg 10
–14
2178
PAD No.
Pin
Coordinates
X µm
Y µm
33
Seg 11
–194
2178
34
Seg 12
–374
2178
35
Seg 13
–546
2178
36
Seg 14
–726
2178
37
Seg 15
–906
2178
38
Seg 16
–1086
2178
39
Seg 17
–1266
2178
40
Seg 18
–1446
2178
41
Seg 19
–1626
2178
42
Seg 20
–1806
2178
43
Seg 21
–1986
2178
44
COM1
–2270
1871
45
COM2
–2270
1628
46
S1
–2270
1367
47
S2 Input port
–2270
1140
48
S3 Input port
–2270
960
49
S4 Input port
–2270
734
50
K1
–2270
328
51
K2 Input port
–2270
88
52
K3 Input port
–2270
–140
53
K4 Input port
–2270
–380
54
A1
–2270
–593
55
A2 I/O ports
–2270
–773
56
A3 I/O ports
–2270
–953
57
A4 I/O ports
–2270
–1133
58
COM3/P3
–2270
–1602
59
COM4/P4
–2270
–1846
Note: • The pin numbers are the QIP-80E mass-production package pin numbers.
• The test pin (TST) must be connected to VSS.
• Pads number 42 and 43 in the chip version must be left open.
• Do not use solder dip techniques to mount the QIP-80E package version.
• In the chip version, the substrate must be either connected to VSS or left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com