Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1041 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # ZXCT1041
Description  Bidirectional precision high-side current monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1041 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button ZXCT1041 Datasheet HTML 4Page - Diodes Incorporated ZXCT1041 Datasheet HTML 5Page - Diodes Incorporated ZXCT1041 Datasheet HTML 6Page - Diodes Incorporated ZXCT1041 Datasheet HTML 7Page - Diodes Incorporated ZXCT1041 Datasheet HTML 8Page - Diodes Incorporated ZXCT1041 Datasheet HTML 9Page - Diodes Incorporated ZXCT1041 Datasheet HTML 10Page - Diodes Incorporated ZXCT1041 Datasheet HTML 11Page - Diodes Incorporated ZXCT1041 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ZXCT1041
Issue 2 - January 2008
8
www.zetex.com
© Zetex Semiconductors plc 2008
Typical characteristics
Conditions VSENSE+=10V, VSENSE=100mV, TA=25°C unless otherwise stated.
100
1k
10k
100k
1M
-10
0
10
20
30
40
50
60
70
100
1k
10k
100k
1M
-10
0
10
20
30
40
50
60
70
100k
1M
-25
-20
-15
-10
-5
0
5
10
15
20
25
100k
1M
-25
-20
-15
-10
-5
0
5
10
15
20
25
V
SENSE
=+100mVrms
V
AC
=63mV
P-P
Forward CMRR
Frequency (Hz)
Vs+=2.7V
Vs+=5.0V
Vs+=10V
Vs+=15V & 20V
V
SENSE
=-100mVrms
V
AC
=63mV
P-P
Vs+=15V & 20V
Vs+=10V
Vs+=5.0V
Vs+=2.7V
Reverse CMRR
Frequency (Hz)
V
S+
=2.7V
V
S+
=5.0V
V
S+
=10V
V
S+
=15V
V
S+
=20V
V
SENSE
=+100mV
V
AC
=63mV
P-P
Forward Frequency Response
Frequency (Hz)
V
S+
=2.7V
V
S+
=5.0V
V
S+
=10V
V
S+
=15V
V
S+
=20V
V
SENSE
=-100mV
V
AC
=63mV
P-P
Reverse Frequency Response
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com