Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1041 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXCT1041
Description  Bidirectional precision high-side current monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1041 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXCT1041 Datasheet HTML 1Page - Diodes Incorporated ZXCT1041 Datasheet HTML 2Page - Diodes Incorporated ZXCT1041 Datasheet HTML 3Page - Diodes Incorporated ZXCT1041 Datasheet HTML 4Page - Diodes Incorporated ZXCT1041 Datasheet HTML 5Page - Diodes Incorporated ZXCT1041 Datasheet HTML 6Page - Diodes Incorporated ZXCT1041 Datasheet HTML 7Page - Diodes Incorporated ZXCT1041 Datasheet HTML 8Page - Diodes Incorporated ZXCT1041 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Issue 2 - January 2008
1
www.zetex.com
© Zetex Semiconductors plc 2008
ZXCT1041
Bidirectional precision high-side current monitor
Description
The ZXCT1041 is a bidirectional precision high-
side current sense monitor. The output voltage
is proportional to the differential input voltage.
Direction of current flow is indicated by the
Flag pin.
The ZXCT1041 provides a fixed gain of 10 for
applications
where
minimal
external
components are required.
Features
•
Bidirectional high side measurement
•
Output voltage scaling x10
•
2.7V to 20V high side voltage
•
35µA quiescent current
•
1% typical accuracy
•
SOT23-5 package
Pin connections
The very low offset voltage enables a typical
accuracy of 2% for sense voltages of only
10mV, giving better tolerances for small sense
resistors necessary at higher currents.
The wide input voltage range of 20V down to
as low as 2.7V make it suitable for a range of
applications.
A minimum operating current of just 40 A,
combined with a SOT23-5 package makes the
ZXCT1041 particularly suitable for portable
battery equipment.
Applications
•
Battery management
•
Over current monitor
•
Battery gas gauging
•
Motor control
Typical application circuit
Ordering information
Flag
GND
OUT
S-
S+
ZXCT1041
S+
Flag
5
4
3
1
2
GND
VOUT
OUT
S-
VIN-
VIN+
RS
Order code
Package
Partmark
Reel size
(inches)
Tape width
(mm)
Quantity
per reel
ZXCT1041E5TA
SOT23-5
1041
7
8
3000


Similar Part No. - ZXCT1041

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1041 ZETEX-ZXCT1041 Datasheet
151Kb / 8P
Bidirectional precision high-side current monitor
ZXCT1041E5TA ZETEX-ZXCT1041E5TA Datasheet
151Kb / 8P
Bidirectional precision high-side current monitor
More results

Similar Description - ZXCT1041

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170 Datasheet
209Kb / 10P
High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Zetex Semiconductors
ZXCT1041 ZETEX-ZXCT1041 Datasheet
151Kb / 8P
Bidirectional precision high-side current monitor
logo
Diodes Incorporated
ZXCT1009 DIODES-ZXCT1009 Datasheet
248Kb / 9P
HIGH-SIDE CURRENT MONITOR
JULY 2007
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170_12 Datasheet
549Kb / 13P
High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Unisonic Technologies
UCM101 UTC-UCM101 Datasheet
110Kb / 4P
BIDIRECTIONAL PRECISION HIGH-SIDE CURRENT MONITOR
UCM102 UTC-UCM102 Datasheet
134Kb / 4P
HIGH-SIDE CURRENT MONITOR
UCM101 UTC-UCM101_15 Datasheet
110Kb / 4P
BIDIRECTIONAL PRECISION HIGH-SIDE CURRENT MONITOR
logo
Texas Instruments
INA220 TI1-INA220 Datasheet
1Mb / 36P
High- or Low-Side, Bidirectional Current and Power Monitor
INA170 TI1-INA170_17 Datasheet
583Kb / 15P
High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Diodes Incorporated
ZXCT199 DIODES-ZXCT199 Datasheet
354Kb / 2P
High-Precision and Bidirectional Current Monitor for Accurate High-/Low-Side Current Measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com