Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1041 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # ZXCT1041
Description  Bidirectional precision high-side current monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1041 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button ZXCT1041 Datasheet HTML 4Page - Diodes Incorporated ZXCT1041 Datasheet HTML 5Page - Diodes Incorporated ZXCT1041 Datasheet HTML 6Page - Diodes Incorporated ZXCT1041 Datasheet HTML 7Page - Diodes Incorporated ZXCT1041 Datasheet HTML 8Page - Diodes Incorporated ZXCT1041 Datasheet HTML 9Page - Diodes Incorporated ZXCT1041 Datasheet HTML 10Page - Diodes Incorporated ZXCT1041 Datasheet HTML 11Page - Diodes Incorporated ZXCT1041 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ZXCT1041
Issue 2 - January 2008
10
www.zetex.com
© Zetex Semiconductors plc 2008
When choosing appropriate values for RSENSE a compromise must be reached between in-line
signal loss (including potential power dissipation effects) and small signal accuracy.
Higher values for RSENSE gives better accuracy at low load currents by reducing the inaccuracies
due to internal offsets. For best operation the ZXCT1041 has been designed to operate with
VSENSE of the order of 50mV to 150mV.
GND
OUT
Flag
S+
S-
ZXCT1041
Load
Battery
charger
control
Battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com