Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1080 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZXCT1080
Description  High voltage high-side current monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1080 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button ZXCT1080 Datasheet HTML 4Page - Diodes Incorporated ZXCT1080 Datasheet HTML 5Page - Diodes Incorporated ZXCT1080 Datasheet HTML 6Page - Diodes Incorporated ZXCT1080 Datasheet HTML 7Page - Diodes Incorporated ZXCT1080 Datasheet HTML 8Page - Diodes Incorporated ZXCT1080 Datasheet HTML 9Page - Diodes Incorporated ZXCT1080 Datasheet HTML 10Page - Diodes Incorporated ZXCT1080 Datasheet HTML 11Page - Diodes Incorporated ZXCT1080 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ZXCT1080
Issue 3 - March 2008
9
www.zetex.com
© Zetex Semiconductors plc 2008
Figure 2
Protection/error sources for ZXCT1080
Capacitor CD provides high frequency transient decoupling when used with RLIM; typical values
are of the order 10pF
For best performance RSENSE should be connected as close to the S+ (and SENSE ) pins;
minimizing any series resistance with RSENSE.
When choosing appropriate values for RSENSE a compromise must be reached between in-line
signal loss (including potential power dissipation effects) and small signal accuracy.
Higher values for RSENSE gives better accuracy at low load currents by reducing the inaccuracies
due to internal offsets. For best operation the ZXCT1080 has been designed to operate with
VSENSE of the order of 50mV to 150mV.
Current monitors' basic configuration is that of a unipolar voltage to current to voltage converter
powered from a single supply rail. The internal amplifier at the heart of the current monitor may
well have a bipolar offset voltage but the output cannot go negative; this results in current
monitors saturating at very low sense voltages.
As a result of this phenomenon the ZXCT1080 has been specified to operate in a linear manner
over a VSENSE range of 10mV to 150mV range, however it will still be monotonic down to VSENSE
of 0V.
It is for this very reason that Zetex has specified an input offset voltage (VO(10)) at 10mV. The
output voltage for any VSENSE voltage from 10mV to 150mV can be calculated as follows:
Alternatively the load current can be expressed as:
R SENSE
C D
R LIM
ZXCT1080
S+
S-
V
OUT
V
SENSE
()xG V
O10
()
+
=
I
L
V
OUT
V
O10
()
–
()
GxR
SENSE
-------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com