Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1080 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXCT1080
Description  High voltage high-side current monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1080 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXCT1080 Datasheet HTML 1Page - Diodes Incorporated ZXCT1080 Datasheet HTML 2Page - Diodes Incorporated ZXCT1080 Datasheet HTML 3Page - Diodes Incorporated ZXCT1080 Datasheet HTML 4Page - Diodes Incorporated ZXCT1080 Datasheet HTML 5Page - Diodes Incorporated ZXCT1080 Datasheet HTML 6Page - Diodes Incorporated ZXCT1080 Datasheet HTML 7Page - Diodes Incorporated ZXCT1080 Datasheet HTML 8Page - Diodes Incorporated ZXCT1080 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ZXCT1080
Issue 3 - March 2008
3
www.zetex.com
© Zetex Semiconductors plc 2008
Electrical characteristics
Test conditions TA = 25°C, VIN = 12V, VCC = 5 V, VSENSE
(a) = 100mV unless otherwise stated.
NOTES:
(a) VSENSE = "VS+" - "VS-"
(b) The ZXCT1080 operates from a positive power rail and the internal voltage-current converter current flow is
unidirectional; these result in the output offset voltage for VSENSE = 0V always being positive.
(c) For VSENSE > 10mV, the internal voltage-current converter is fully linear. This enables a true offset to be defined and
used. VO(10) is expressed as the variance about an output voltage of 100mV>
(d) Temperature dependent measurements are extracted from characterization and simulation results.
(e) All Min and Max specifications over full temperature range are guaranteed by design and characterisation
Symbol
Parameter
Conditions
TA
Min(e).
Typ.
Max(e).
Units
ICC
VCC supply current
VCC = 12V,
VSENSE
(a) = 0V
25°C
40
80
120
µA
full range
145
IS+
S+ input current
VSENSE
(a) = 0V
25°C
15
27
42
µA
full range
60
IS-
S- input current
25°C
15
40
80
nA
VO(0)
Zero VSENSE
(a) error(b)
25°C
0
35
mV
VO(10)
Output offset voltage(c) VSENSE
(a) = 10mV
25°C
-25
+25
mV
full range
-55
+55
Gain
VOUT/ VSENSE
(a)
VSENSE
(a) = 10mV to
150mV
25°C
9.9
10
10.1
V/V
full range
9.8
10.2
VOUT TC
(d)
VOUT variation with
temperature
30
ppm/°C
Acc
Total output error
-3
3
%
IOH
Output source
current
VOUT = -30mV
1
mA
IOL
Output sink current
VOUT = +30mV
20
µA
PSRR
VCC supply rejection
ratio
VCC = 4.5V to 12V
54
60
dB
CMRR
Common-mode
sense rejection ratio
VIN = 60V to 3V
68
80
dB
BW
-3dB small signal
bandwidth
VSENSE
(a)
(AC) =
10mVPP
500
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com