Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1080 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXCT1080
Description  High voltage high-side current monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1080 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXCT1080 Datasheet HTML 1Page - Diodes Incorporated ZXCT1080 Datasheet HTML 2Page - Diodes Incorporated ZXCT1080 Datasheet HTML 3Page - Diodes Incorporated ZXCT1080 Datasheet HTML 4Page - Diodes Incorporated ZXCT1080 Datasheet HTML 5Page - Diodes Incorporated ZXCT1080 Datasheet HTML 6Page - Diodes Incorporated ZXCT1080 Datasheet HTML 7Page - Diodes Incorporated ZXCT1080 Datasheet HTML 8Page - Diodes Incorporated ZXCT1080 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Issue 3 - March 2008
1
www.zetex.com
© Zetex Semiconductors plc 2008
ZXCT1080
High voltage high-side current monitor
Description
Ordering information
The ZXCT1080 is a high side current sense
monitor with a gain of 10 and a voltage
output. Using this device eliminates the need
to disrupt the ground plane when sensing a
load current.
The wide input voltage range of 60V down to
as low as 3V make it suitable for a range of
applications; including systems operating
from industrial 24-28V rails and -48V rails.
The separate supply pin (VCC) allows the device
to continue functioning under short circuit
conditions, giving an end stop voltage at the
output.
The
ZXCT1080
has
an
extended
ambient
operating temperature range of -40°C to 125°C
enabling it to be used in a wide range of
applications including automotive.
Features
•
3V to 60V continuous high side voltage
•
Accurate high-side current sensing
•
-40 to 125°C temperature range
•
Output voltage scaling x10
•
4.5V to 12V VCC range
•
Low quiescent current:
•
80µA supply pin
•
27µA IS+
•
SOT23-5 package
Applications
•
Industrial applications current measurement
•
Battery management
•
Over-current measurement
•
Power management
•
Automotive current measurement
Pin connections
Typical application circuit
Device
Package
Part mark
Reel size
(inches)
Tape width
(mm)
Quantity per
reel
ZXCT1080E5TA
SOT23-5
1080
7
8
3000
S-
S+
VCC
GND
OUT
1
2
3
5
4
S+
4
S-
5
OUT
3
Vcc
1
GND
2
ZXCT1080
R SENSE
IN
V
CC
V
V OUT


Similar Part No. - ZXCT1080

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1080 ZETEX-ZXCT1080 Datasheet
699Kb / 12P
High voltage high-side current monitor
ZXCT1080 ZETEX-ZXCT1080 Datasheet
714Kb / 12P
High voltage high-side current monitor
ZXCT1080E5TA ZETEX-ZXCT1080E5TA Datasheet
699Kb / 12P
High voltage high-side current monitor
ZXCT1080E5TA ZETEX-ZXCT1080E5TA Datasheet
714Kb / 12P
High voltage high-side current monitor
logo
Diodes Incorporated
ZXCT1080Q DIODES-ZXCT1080Q Datasheet
401Kb / 11P
AUTOMOTIVE GRADE 60/40V HIGH-SIDE CURRENT MONITOR
Rev 1
More results

Similar Description - ZXCT1080

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1009 ZETEX-ZXCT1009 Datasheet
216Kb / 8P
HIGH-SIDE CURRENT MONITOR
ZXCT1081 ZETEX-ZXCT1081 Datasheet
702Kb / 12P
High voltage high-side current monitor
ZXCT1081_0704 ZETEX-ZXCT1081_0704 Datasheet
702Kb / 12P
High voltage high-side current monitor
ZXCT1080 ZETEX-ZXCT1080 Datasheet
699Kb / 12P
High voltage high-side current monitor
ZXCT1080 ZETEX-ZXCT1080_08 Datasheet
714Kb / 12P
High voltage high-side current monitor
logo
Diodes Incorporated
ZXCT1009 DIODES-ZXCT1009 Datasheet
248Kb / 9P
HIGH-SIDE CURRENT MONITOR
JULY 2007
ZXCT1081 DIODES-ZXCT1081 Datasheet
291Kb / 11P
HIGH VOLTAGE HIGH-SIDE CURRENT MONITOR
Rev 1
logo
Unisonic Technologies
UCM102 UTC-UCM102 Datasheet
134Kb / 4P
HIGH-SIDE CURRENT MONITOR
UCM102 UTC-UCM102_15 Datasheet
134Kb / 4P
HIGH-SIDE CURRENT MONITOR
logo
IXYS Corporation
IXI848A IXYS-IXI848A Datasheet
235Kb / 5P
High-Side Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com