Electronic Components Datasheet Search
  English  ▼

X  

CBTL06DP211EE Datasheet(PDF) 10 Page - NXP Semiconductors

Part # CBTL06DP211EE
Description  DisplayPort Gen1 2 : 1 multiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL06DP211EE Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button CBTL06DP211EE Datasheet HTML 6Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 7Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 8Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 9Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 10Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 11Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 12Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 13Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
CBTL06DP211
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 February 2011
10 of 18
NXP Semiconductors
CBTL06DP211
DisplayPort Gen1 2 : 1 multiplexer
10.3 AUX and DDC ports
[1]
Time from DDC/AUX input changing state to AUX output changing state. Includes DDC/AUX rise/fall time.
10.4 HPDIN input, HPD_x outputs
[1]
Time from HPDIN changing state to HPD_x changing state. Includes HPD rise/fall time.
10.5 GPU_SEL, DDC_AUX_SEL and XSD inputs
Table 11.
AUX and DDC port characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VI
input voltage
−0.3
-
VDD +0.3
V
VO
output voltage
no load
-
-
VDD
V
VIC
common-mode input voltage
AUX
0
-
2.0
V
VID
differential input voltage
-
-
1.4
V
tPD
propagation delay
from left-side port to right-side
port or vice versa
[1] -
180
-
ps
Table 12.
HPD input and output characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VI
input voltage
−0.3
-
VDD +0.3
V
VO
output voltage
no load
-
-
VDD
V
tPD
propagation delay
from HPDIN to HPD_x or vice versa
[1] -180
-
ps
Table 13.
GPU_SEL, DDC_AUX_SEL, XSD input characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
HIGH-level input voltage
2.0
-
-
V
VIL
LOW-level input voltage
-
-
0.8
V
ILI
input leakage current
VDD =3.6 V; 0.3V ≤ VI ≤ 3.9 V
-
-
10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com