Electronic Components Datasheet Search
  English  ▼

X  

CBTL06DP211EE Datasheet(PDF) 11 Page - NXP Semiconductors

Part # CBTL06DP211EE
Description  DisplayPort Gen1 2 : 1 multiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL06DP211EE Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button CBTL06DP211EE Datasheet HTML 7Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 8Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 9Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 10Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 11Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 12Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 13Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 14Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
CBTL06DP211
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 February 2011
11 of 18
NXP Semiconductors
CBTL06DP211
DisplayPort Gen1 2 : 1 multiplexer
11. Application information
11.1 Special considerations
Certain cable or dongle misplug scenarios make it possible for a 5 V input condition to
occur on pins AUX+ and AUX
−, as well as HPDIN. When AUX+ and AUX− are connected
through a minimum of 2.2 k
Ω resistor each, the CBTL06DP211 will sink current but will not
be damaged. Similarly, HPDIN may be connected to 5 V via at least a 1 k
Ω resistor.
(Correct functional operation to specification is not expected in these scenarios.) The
latter also prevents the HPDIN input from loading down the system HPD signal when
power to the CBTL06DP211 is off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com