Electronic Components Datasheet Search
  English  ▼

X  

CBTL06DP211EE Datasheet(PDF) 12 Page - NXP Semiconductors

Part # CBTL06DP211EE
Description  DisplayPort Gen1 2 : 1 multiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL06DP211EE Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button CBTL06DP211EE Datasheet HTML 8Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 9Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 10Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 11Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 12Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 13Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 14Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 15Page - NXP Semiconductors CBTL06DP211EE Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
CBTL06DP211
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 February 2011
12 of 18
NXP Semiconductors
CBTL06DP211
DisplayPort Gen1 2 : 1 multiplexer
12. Package outline
Fig 4.
Package outline TFBGA48 (SOT918-1)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT918-1
MO-195
- - -
- - -
SOT918-1
05-09-21
05-10-13
UNIT
A
max
mm
1.15
0.25
0.15
0.90
0.75
0.35
0.25
5.1
4.9
5.1
4.9
A1
DIMENSIONS (mm are the original dimensions)
TFBGA48: plastic thin fine-pitch ball grid array package; 48 balls; body 5 x 5 x 0.8 mm
X
A2
b
D
E
e2
4
e1
4
e
0.5
v
0.15
w
0.05
y
0.08
y1
0.1
0
2.5
5 mm
scale
b
ball A1
index area
A
B
C
D
E
F
H
G
J
2468
13579
e2
e1
e
e
A
C
B
∅ v M
C
∅ w M
ball A1
index area
B
A
E
D
C
y
C
y1
detail X
A
A1
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com