Electronic Components Datasheet Search
  English  ▼

X  

AH342 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH342
Description  ACTIVE HIGH/LOW COMPLEMENTARY OUTPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH342 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH342 Datasheet HTML 1Page - Diodes Incorporated AH342 Datasheet HTML 2Page - Diodes Incorporated AH342 Datasheet HTML 3Page - Diodes Incorporated AH342 Datasheet HTML 4Page - Diodes Incorporated AH342 Datasheet HTML 5Page - Diodes Incorporated AH342 Datasheet HTML 6Page - Diodes Incorporated AH342 Datasheet HTML 7Page - Diodes Incorporated AH342 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AH342
ACTIVE HIGH/LOW COMPLEMENTARY OUTPUT
HALL-EFFECT LATCH
AH342 Rev. 3
1 of 8
JANUARY 2009
www.diodes.com
© Diodes Incorporated
Lead-free
•
Digital dual complementary sink/source outputs
•
Reverse Voltage Polarity protection for full supply
range.
•
High output current capability
•
Low profile packages: SIP-4L
•
Lead Free Package: SIP-4L
•
Lead Free Finish/RoHS Compliant (Note 1)
The AH342 is a bipolar latching hall IC with a pair of
complementary push/pull outputs. A dual hall element is used to
offset stress induced noise and drift. The robust outputs are
capable of sourcing up to 7.4mA and sinking up to 4.4mA. The
device contains inherent reverse polarity protection up to the full
power supply range.
•
Conveyors
•
Motor control
•
Power sensing
•
Linear or rotary motion detection
•
RPM sensing
AH 342 - P L - B
P : SIP-4L
Package
Lead Free
L : Lead Free
Packing
B : Bulk
Device
Package
Code
Packaging
(Note 2)
Bulk
Quantity
Part Number Suffix
AH342-PL-B
P
SIP-4L
1000
-B
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications
Ordering Information


Similar Part No. - AH342

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH342 ANACHIP-AH342 Datasheet
180Kb / 5P
Active High/Low Complementary Output Hall-effect Latch
Rev.1.1 Sep 30, 2005
AH342-PL ANACHIP-AH342-PL Datasheet
180Kb / 5P
Active High/Low Complementary Output Hall-effect Latch
Rev.1.1 Sep 30, 2005
More results

Similar Description - AH342

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE20 NTE-NTE20 Datasheet
19Kb / 2P
Silicon Complementary Transistors High Power, Low Collector Saturation Voltage Power Output
NTE58 NTE-NTE58 Datasheet
21Kb / 2P
Silicon Complementary Transistors High Power Audio Output
logo
Anachip Corp
AH342 ANACHIP-AH342 Datasheet
180Kb / 5P
Active High/Low Complementary Output Hall-effect Latch
Rev.1.1 Sep 30, 2005
logo
Alliance Semiconductor ...
ASM1812 ALSC-ASM1812 Datasheet
231Kb / 9P
Low Power 5V uP Reset Active HIGH, Push-Pull Output
ASM1817 ALSC-ASM1817 Datasheet
232Kb / 9P
Low Power, 3.3V/3.0V uP Reset, Active HIGH, Push-Pull Output
logo
Integrated Device Techn...
IDT74CBTLV3126 IDT-IDT74CBTLV3126_08 Datasheet
60Kb / 5P
LOW-VOLTAGE QUADRUPLE BUS SWITCH Output enable, active high
logo
ON Semiconductor
ASM1233D ONSEMI-ASM1233D Datasheet
142Kb / 10P
Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
logo
ADTech
ADT2500 ADTECH-ADT2500 Datasheet
31Kb / 1P
output active low
logo
Texas Instruments
SN54265 TI1-SN54265_10 Datasheet
708Kb / 10P
QUADRUPLE COMPLEMENTARY-OUTPUT ELEMENTS
PTB48580 TI1-PTB48580 Datasheet
608Kb / 13P
Dual Complementary-Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com