Electronic Components Datasheet Search
  English  ▼

X  

AH342 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH342
Description  ACTIVE HIGH/LOW COMPLEMENTARY OUTPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH342 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH342 Datasheet HTML 1Page - Diodes Incorporated AH342 Datasheet HTML 2Page - Diodes Incorporated AH342 Datasheet HTML 3Page - Diodes Incorporated AH342 Datasheet HTML 4Page - Diodes Incorporated AH342 Datasheet HTML 5Page - Diodes Incorporated AH342 Datasheet HTML 6Page - Diodes Incorporated AH342 Datasheet HTML 7Page - Diodes Incorporated AH342 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AH342
ACTIVE HIGH/LOW COMPLEMENTARY OUTPUT
HALL-EFFECT LATCH
AH342 Rev. 3
4 of 8
JANUARY 2009
www.diodes.com
© Diodes Incorporated
Recommended Operating Conditions
Symbol
Characteristic
Conditions
Min
Max
Unit
VCC
Supply Voltage
Operating
4.5
28
V
TA
Operating Ambient
Temperature (Note 4)
Operating
-40
125
°C
Notes:
4. Shall not exceed PD and Safety Operation Area.
Electrical Characteristics
(Note 5, 6)
Symbol
Characteristic
Conditions
24
oC ± 2oC
-40
oC to 125 oC
Units
Min
Typ. Max Min
Typ. Max
ICC
Supply Current
28V±0.5% supply
4
4.5
6
3
4.5
7
mA
Output Voltage
VOUT
#1 Sourcing
Switch magnetically operated:
No load 28V±0.5% supply.
Switch magnetically released:
No load 28V±0.5% supply.
6.0
7.0
7.5
-
-
-
V
#2 Sinking
0
0.1
0.2
-
-
-
#1 Sinking
0
0.1
0.2
-
-
-
#2 Sourcing
6.0
7.0
7.5
-
-
-
ILeak(sink)
Leakage (sink)
Apply voltage 0.2V greater than
measured output source voltage
measure current, no load
28V±0.5% supply.
-
-
1.0
-
-
1.0
µA
Output Current
IOUT
#1 Sourcing
Apply 2V to output and measure
current. Switch magnetically
operated, no load 28V±0.5%.
Apply 2V to output and measure
current. Switch magnetically
released, no load 28V±0.5%.
5.5
7.4
8.0
5.0
7.4
8.5
mA
#2 Sinking
2.8
3.4
4.7
2.4
3.4
5.0
#1 Sinking
2.8
3.4
4.7
2.4
3.4
5.0
#2 Sourcing
5.5
7.4
8.0
5.0
7.4
8.5
Output Switching Time
tf
Fall Time
90% to 10%; no load 28V±0.5%
Supply
-
-
-
-
-
1.0
µs
tr
Rise Time
10% to 90%; no load 28V±0.5%
Supply
-
-
-
-
-
1.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com