Electronic Components Datasheet Search
  English  ▼

X  

AH342 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH342
Description  ACTIVE HIGH/LOW COMPLEMENTARY OUTPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH342 Datasheet(HTML) 3 Page - Diodes Incorporated

  AH342 Datasheet HTML 1Page - Diodes Incorporated AH342 Datasheet HTML 2Page - Diodes Incorporated AH342 Datasheet HTML 3Page - Diodes Incorporated AH342 Datasheet HTML 4Page - Diodes Incorporated AH342 Datasheet HTML 5Page - Diodes Incorporated AH342 Datasheet HTML 6Page - Diodes Incorporated AH342 Datasheet HTML 7Page - Diodes Incorporated AH342 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AH342
ACTIVE HIGH/LOW COMPLEMENTARY OUTPUT
HALL-EFFECT LATCH
AH342 Rev. 3
3 of 8
JANUARY 2009
www.diodes.com
© Diodes Incorporated
Block Diagram
660
510
OUTPUT AMP
7.5V
SOURCE
SINK
I
O
Voltage
Regulator
Hall
Sensor
Amp
and
Trigger
Interface
Circuit
Output
Amp
#1
Output
Amp
#2
IO
1
IO
2
Absolute Maximum Ratings
(Note 3)
Symbol
Characteristics
Conditions
Rating
Unit
VCC
Supply voltage
-40
oC to 125oC
±28
V
VOUT
Voltage Externally Applied to Output
-40
oC to 125oC
-1.2 to 5
V
Ic
Output Current
±10
mA
B
Magnetic Flux density
No limit; the circuit cannot be
damaged by magnetic overdrive
Unlimited
TST
Storage Temperature
No power applied
-40 to 150
°C
Notes:
3. Absolute maximum ratings are the extreme limits that the device will withstand without damage to the device. However, the electrical and
magnetic characteristics are not guaranteed as the maximum limits (above recommended operating conditions) are approached nor will the
device necessarily operate at absolute maximum rating.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com