Electronic Components Datasheet Search
  English  ▼

X  

LC651154N Datasheet(PDF) 38 Page - Sanyo Semicon Device

Part # LC651154N
Description  Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC651154N Datasheet(HTML) 38 Page - Sanyo Semicon Device

Back Button LC651154N Datasheet HTML 31Page - Sanyo Semicon Device LC651154N Datasheet HTML 32Page - Sanyo Semicon Device LC651154N Datasheet HTML 33Page - Sanyo Semicon Device LC651154N Datasheet HTML 34Page - Sanyo Semicon Device LC651154N Datasheet HTML 35Page - Sanyo Semicon Device LC651154N Datasheet HTML 36Page - Sanyo Semicon Device LC651154N Datasheet HTML 37Page - Sanyo Semicon Device LC651154N Datasheet HTML 38Page - Sanyo Semicon Device LC651154N Datasheet HTML 39Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
3. RES: Reset pin
• Keep the length of lines (Lres in the figure) from the RES pin to external circuits as short as possible.
• Keep the length of the lines (L1 and L2) to the capacitor (Cres) inserted between RES and VSS as short as possible.
4. TEST: Test pin
• Keep the length of the line (L) from the TEST pin to the VSS pin as short as possible.
• Run the line from the TEST pin to the VSS pin as close to the VSS pin as possible.
5. AD0 to AD7: Analog input pins
Analog input pin lines, such as those used to connect to an A/D converter input pin or a comparator input pin should
be connected so as to meet the following conditions.
• Keep the line (L1) between the limiting resistor (Rl) and the analog input pin as short as possible.
• Locate the capacitor inserted between the analog input pins and the AV- pin (the A/D converter reference voltage
input pin) as close as possible to the AV- input pin. That is, make the line length L1 + L2 as short as possible.
6. I/O pins
All of the pins on these products function as both input and output pins.
• When used as an input pin, insert a limiting resistor, and keep the length of the line to that pin as short as possible.
Supplement: This is not only useful in printed circuit board design, but is also useful in preventing and avoiding
problems (such as incorrect microcontroller operation and program failures) by taking the program specifications
and microcontroller option selections described below into consideration.
• If signals are input from external sources when the microcontroller power supply is unstable, select the medium-
voltage handling capacity (n-channel open drain) output as the output type option for that input pin, and also insert
a limiting resistor in the input circuit.
• Always implement key chattering exclusion measures for external signals applied to microcontroller input pins.
• The pin output data should be re-output periodically with an output instruction (OP or SPB).
No. 6278-38/39
LC651154N, 651154F, 651154L, 651152N, 651152F, 651152L
Figure 3 RES Pin Wiring
Figure 4 TEST Pin Wiring
Figure 5 Analog Input Pin Wiring
External
circuit
External circuit
(sensor block)
Analog
input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com