Electronic Components Datasheet Search
  English  ▼

X  

AD8657 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8657
Description  18 V, Precision, Micropower CMOS RRIO Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8657 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8657 Datasheet HTML 14Page - Analog Devices AD8657 Datasheet HTML 15Page - Analog Devices AD8657 Datasheet HTML 16Page - Analog Devices AD8657 Datasheet HTML 17Page - Analog Devices AD8657 Datasheet HTML 18Page - Analog Devices AD8657 Datasheet HTML 19Page - Analog Devices AD8657 Datasheet HTML 20Page - Analog Devices AD8657 Datasheet HTML 21Page - Analog Devices AD8657 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8657
Rev. 0 | Page 18 of 24
V+
V–
+IN x
R1
D1
D2
M1
M2
M7
M6
M3
M4
M5
VB1
M8
M10
M9
M16
M17
M11
VB2
OUT x
M12
M14
M13
M15
I1
R2
–IN x
Figure 62. Simplified Schematic
RAIL TO RAIL
The AD8657 features rail-to-rail input and output with a supply
voltage from 2.7 V to 18 V. Figure 63 shows the input and output
waveforms of the AD8657 configured as a unity-gain buffer with
a supply voltage of ±9 V and a resistive load of 1 MΩ. With an
input voltage of ±9 V, the AD8657 allows the output to swing
very close to both rails. Additionally, it does not exhibit phase
reversal.
TIME (200µs/DIV)
VSY = ±9V
RL = 1MΩ
INPUT
OUTPUT
Figure 63. Rail-to-Rail Input and Output
RESISTIVE LOAD
The feedback resistor alters the load resistance that an amplifier
sees. It is, therefore, important to be aware of the value of feed-
back resistors chosen for use with the AD8657. The AD8657 is
capable of driving resistive loads down to 100 kΩ. The following
two examples, inverting and noninverting configurations, show
how the feedback resistor changes the actual load resistance
seen at the output of the amplifier.
Inverting Configuration
Figure 64 shows AD8657 in an inverting configuration with
a resistive load, RL, at the output. The actual load seen by the
amplifier is the parallel combination of the feedback resistor,
R2, and load, RL. Having a feedback resistor of 1 kΩ and a load
of 1 MΩ results in an equivalent load resistance of 999 Ω at the
output. In this condition, the AD8657 is incapable of driving
such a heavy load; therefore, its performance degrades greatly.
To avoid loading the output, use a larger feedback resistor, but
consider the resistor thermal noise effect on the overall circuit.
AD8657
1/2
R1
R2
RL
–VSY
RL, EFF = RL || R2
+VSY
VIN
VOUT
Figure 64. Inverting Op Amp
Noninverting Configuration
Figure 65 shows the AD8657 in a noninverting configuration
with a resistive load, RL, at the output. The actual load seen by
the amplifier is the parallel combination of R1 + R2 and RL.
R1
R2
RL
–VSY
RL, EFF = RL || (R1 + R2)
+VSY
VIN
VOUT
AD8657
1/2
Figure 65. Noninverting Op Amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com