Electronic Components Datasheet Search
  English  ▼

X  

AD8657 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8657
Description  18 V, Precision, Micropower CMOS RRIO Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8657 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8657 Datasheet HTML 15Page - Analog Devices AD8657 Datasheet HTML 16Page - Analog Devices AD8657 Datasheet HTML 17Page - Analog Devices AD8657 Datasheet HTML 18Page - Analog Devices AD8657 Datasheet HTML 19Page - Analog Devices AD8657 Datasheet HTML 20Page - Analog Devices AD8657 Datasheet HTML 21Page - Analog Devices AD8657 Datasheet HTML 22Page - Analog Devices AD8657 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD8657
Rev. 0 | Page 19 of 24
COMPARATOR OPERATION
Op amps are designed to operate in a closed-loop configuration
with feedback from its output to its inverting input. Figure 66
shows the AD8657 configured as a voltage follower with an input
voltage that is always kept at midpoint of the power supplies.
The same configuration is applied to the unused channel. A1 and
A2 indicate the placement of ammeters to measure supply current.
ISY+ refers to the current flowing from the upper supply rail to
the op amp, and ISY− refers to the current flowing from the op
amp to the lower supply rail. As shown in Figure 67, as expected,
in normal operating condition, the total current flowing into the
op amp is equivalent to the total current flowing out of the op amp,
where, ISY+ = ISY− = 36 μA for the dual AD8657 at VSY = 18 V.
AD8657
1/2
A1
100k
Ω
100k
Ω
ISY+
+VSY
VOUT
–VSY
ISY–
A2
Figure 66. Voltage Follower
0
5
10
15
20
25
30
35
40
0
2
4
6
8
10
12
14
16
18
VSY (V)
ISY–
ISY+
Figure 67. Supply Current vs. Supply Voltage (Voltage Follower)
In contrast to op amps, comparators are designed to work in an
open-loop configuration and to drive logic circuits. Although
op amps are different from comparators, occasionally an unused
section of a dual op amp is used as a comparator to save board
space and cost; however, this is not recommended.
Figure 68 and Figure 69 show the AD8657 configured as a com-
parator, with 100 kΩ resistors in series with the input pins. Any
unused channels are configured as buffers with the input voltage
kept at the midpoint of the power supplies. The AD8657 has input
devices that are protected from large differential input voltages
by Diode D1 and Diode D2 (refer to Figure 62). These diodes
consist of substrate PNP bipolar transistors, and conduct whenever
the differential input voltage exceeds approximately 600 mV; how-
ever, these diodes also allow a current path from the input to the
lower supply rail, thus resulting in an increase in the total supply
current of the system. As shown in Figure 70, both configurations
yield the same result. At 18 V of power supply, ISY+ remains at
36 μA per dual amplifier, but ISY− increases to 140 μA in magni-
tude per dual amplifier.
AD8657
1/2
A1
100k
Ω
100k
Ω
ISY+
+VSY
VOUT
–VSY
ISY–
A2
Figure 68. Comparator A
AD8657
1/2
A1
100k
Ω
100k
Ω
ISY+
+VSY
VOUT
–VSY
ISY–
A2
Figure 69. Comparator B
0
20
40
60
80
100
120
140
160
0
2
4
6
8
10
12
14
16
18
VSY (V)
ISY–
ISY+
Figure 70. Supply Current vs. Supply Voltage (AD8657 as a Comparator)
Note that 100 kΩ resistors are used in series with the input of
the op amp. If smaller resistor values are used, the supply current of
the system increases much more. For more details on op amps as
comparators, refer to the AN-849 Application Note Using Op
Amps as Comparators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com