Electronic Components Datasheet Search
  English  ▼

X  

65C Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # 65C
Description  televisions, household appliances, office equipment, communication devices
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

65C Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button 65C Datasheet HTML 101Page - Renesas Technology Corp 65C Datasheet HTML 102Page - Renesas Technology Corp 65C Datasheet HTML 103Page - Renesas Technology Corp 65C Datasheet HTML 104Page - Renesas Technology Corp 65C Datasheet HTML 105Page - Renesas Technology Corp 65C Datasheet HTML 106Page - Renesas Technology Corp 65C Datasheet HTML 107Page - Renesas Technology Corp 65C Datasheet HTML 108Page - Renesas Technology Corp 65C Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 112 page
background image
R01DS0015EJ0100 Rev.1.00
Page 105 of 109
Feb 07, 2011
M16C/65C Group
5. Electrical Characteristics
Figure 5.33
Timing Diagram
Read timing
Write timing
BCLK
CSi
ALE
DBi
ADi
BHE
WR, WRL
WRH
BCLK
CSi
ALE
DBi
ADi
BHE
RD
tcyc
td(BCLK-CS)
30ns(max.)
td(BCLK-AD)
30ns(max.)
td(BCLK-ALE)
25ns(max.)
th(BCLK-ALE)
-4ns(min.)
td(BCLK-RD)
30ns(max.)
Hi-Z
tsu(DB-RD)
Hi-Z
td(BCLK-CS)
30ns(max.)
td(BCLK-AD)
30ns(max.)
td(BCLK-ALE)
25ns(max.)
td(BCLK-WR)
30ns(max.)
(0.5 × t
-15)ns(min.)
cyc
tac4(RD-DB)
(n × t
-60)ns(max.)
cyc
V
= V
= 3V
CC1
CC2
Memory Expansion Mode, Microprocessor Mode
(in wait state setting 2
φ + 3 φ, 2 φ + 4 φ, 3φ + 4 φ, and 4 φ + 5 φ, and
when accessing external area)
n: 3 (when 2
φ + 3 φ)
4 (when 2
φ + 4 φ or 3 φ + 4 φ)
5 (when 4
φ + 5 φ)
th(BCLK-AD)
0ns(min.)
th(BCLK-CS)
0ns(min.)
th(RD-AD)
0ns(min.)
th(BCLK-RD)
0ns(min.)
th(RD-DB)
0ns(min.)
th(BCLK-CS)
0ns(min.)
th(BCLK-AD)
0ns(min.)
th(BCLK-ALE)
-4ns(min.)
th(WR-AD)
th(BCLK-WR)
0ns(min.)
td(DB-WR)
{(n-0.5) × t
-40}ns(min.)
cyc
th(WR-DB)
(0.5 × t
-25)ns(min.)
cyc
Measuring conditions
V
= V
= 3V
CC1
CC2
Input timing voltage: V = 0.6 V, V
= 2.4 V
IL
IH
Output timing voltage: V
= 1.5 V, V
= 1.5 V
OL
OH
tcyc =
1
f(BCLK)
tcyc
td(BCLK-DB)
40ns(max.)
60ns(min.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com