Electronic Components Datasheet Search
  English  ▼

X  

MIC2043 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2043
Description  Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2043 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2043 Datasheet HTML 7Page - Micrel Semiconductor MIC2043 Datasheet HTML 8Page - Micrel Semiconductor MIC2043 Datasheet HTML 9Page - Micrel Semiconductor MIC2043 Datasheet HTML 10Page - Micrel Semiconductor MIC2043 Datasheet HTML 11Page - Micrel Semiconductor MIC2043 Datasheet HTML 12Page - Micrel Semiconductor MIC2043 Datasheet HTML 13Page - Micrel Semiconductor MIC2043 Datasheet HTML 14Page - Micrel Semiconductor MIC2043 Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
January 2005
13
M0512-112603
MIC2042/2043
Micrel
Applications Information
Input and Output
Supply Bypass Filtering
The need for input supply bypass is necessary due to several
factors, most notably the input/output inductance along the
power path, operating current and current limit, and output
capacitance. A 0.1µF to 0.47µF bypass capacitor positioned
very close to the VIN pin to GND of the device is strongly
recommended to filter high frequency oscillations due to
inductance. Also, a sufficient bypass capacitor positioned
close to the input source to the switch is strongly advised in
order to suppress supply transient spikes and to limit input
voltage droop. Inrush current increases with larger output
capacitance, thus the minimum value of this capacitor will
require experimental determination for the intended applica-
tion and design. A good starting point is a capacitor between
4.7µF to 15µF. Without these bypass capacitors, an extreme
overload condition such as a short circuit, or a large capaci-
tive load, may cause either the input supply to exceed the
maximum rating of 6V and possibly cause damage to the
internal control circuitry or allow the input supply to droop and
fall out of regulation and/or below the minimum operating
voltage of the device.
Output Capacitance
When the MIC2042 die exceeds the overtemperature thresh-
old of approximately 140°C, the device can enter into a
thermal shutdown mode if the die temperature falls below
120°C and then rises above 140°C in a continuous cycle.
With the VOUT and /FAULT outputs cycling on and off, the
MIC2042 will reset the /FAULT while in an overtemperature
fault condition if the output voltage is allowed to swing below
ground. The inductance present at the output must be neu-
tralized by capacitance in order to ensure that the output does
not fall below ground. In order to counter the board parasitic
inductance and the inductance of relatively short-length
power cable (≤ 1ft., 16 to 20 gauge wire), a minimum output
capacitance of 22µF is strongly recommended and should be
placed close to the VOUT pin of the MIC2042. For applica-
tions that use more than a foot of cable, an additional
10µF/ft. is recommended.
Reverse Current Block
The MIC2042/43 provides reverse current flow block through
the output MOSFET if the voltage at VOUT is greater than VIN
when the device is disabled. The VBIAS supply pin has a
limited reverse current flow if the voltage at VOUT is pulled
above VBIAS when the device is disabled. A graph of the
V
BIAS reverse current flow is shown in the “Functional Char-
acteristics” plots. The reverse current for V
BIAS can be
completely blocked by inserting a Schottky diode from the
VBIAS pin (cathode) to the supply (anode). However, the
minimum voltage of 1.6V must be supplied to VBIAS after
accounting for the voltage drop across the diode.
Output Slew-Rate Adjustment
The output slew-rate for the MIC2042/43 can be slowed down
by the capacitor (16V rating, minimum; 25V suggested)
between SLEW and GND. The slew-rate control circuitry is
independent of the load capacitance and exhibits a non-
linear response. See the “Functional Characteristics” plots.
Table 1 shows the rise time for various standard capacitor
values. Additionally, the output turn-on time must be less than
the nominal flag delay of 28ms in order to avoid nuisance
tripping of the /FAULT output. This limit is imposed by the
current limiting circuitry which monitors the (VIN – VOUT)
differential voltage and concludes a fault condition is present
if the differential voltage exceeds 200mV for more than the
flag delay period. For the MIC2043, the /FAULT will assert
and the output will latch off if the output is not within 200mV
of the input before the flag delay times out. When using the
active-low (–2) option with the EN input tied to ground, slew
control is functional during initial start-up but does not func-
tion upon resetting the input power to the device. In order for
the SLEW control to operate during consecutive system
restarts, the EN pin must reset (toggle OFF to ON).
UVLO Threshold Setting With Low Input Voltages
When the switching voltage is below 1.6V, the device’s
standard UVLO threshold (1.45V nominal) will hinder the
output MOSFET in switching VIN to VOUT. In this case, the
use of the UVLOIN pin is required to override the standard
UVLO threshold and set a new, lower threshold for the lower
input voltage. An external resistive divider network con-
nected at the UVLOIN pin is used to set the new threshold.
Due to the ratio of the internal components, the total series
resistance of the external resistive divider should not exceed
200kΩ. The circuit shown in Figure 4 illustrates an application
that switches 0.8V while the device is powered from a
separate 2.5V power supply. The UVLO threshold is set by
the following equation:
V
0.23V
1
R2
R3
UVTH =×
+
(4)
In substituting the resistor values from Figure 4, the resulting
UVLO threshold (V
UVTH) is calculated as 0.6V for this 0.8V
switching application. When using the UVLOIN pin to set a
new UVLO threshold, an optional 0.1µF to 1.0µF capacitor
from UVLOIN to GND may be used as a glitch filter in order
to avoid nuisance tripping of the UVLO threshold. If the
UVLOIN pin is not in use, this pin should be left open
(floating). The use of a pull-down resistor to ground will offset
the ratio of the internal resistive divider to this pin resulting in
a shift in the UVLO threshold. To bypass (disable) UVLO,
connect the UVLOIN pin directly to the VIN pin of the
MIC2042/43.
Conditions: VIN = VBIAS = 5V/3V; CLOAD = 47µF; ILOAD = 1A
C
SLEW (µF)
Rise Time (ms)
5V
3V
0.01
3
4.75
0.033
10.5
15
0.047
14
21
0.1
32
46
Table 1. Typical Output Rise Time for Various C
SLEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com