Electronic Components Datasheet Search
  English  ▼

X  

MIC2043 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2043
Description  Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2043 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2043 Datasheet HTML 1Page - Micrel Semiconductor MIC2043 Datasheet HTML 2Page - Micrel Semiconductor MIC2043 Datasheet HTML 3Page - Micrel Semiconductor MIC2043 Datasheet HTML 4Page - Micrel Semiconductor MIC2043 Datasheet HTML 5Page - Micrel Semiconductor MIC2043 Datasheet HTML 6Page - Micrel Semiconductor MIC2043 Datasheet HTML 7Page - Micrel Semiconductor MIC2043 Datasheet HTML 8Page - Micrel Semiconductor MIC2043 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MIC2042/2043
Micrel
M0512-112603
4
January 2005
Electrical Characteristics(4)
V
IN = VBIAS = 5V; TA = 25°C unless specified otherwise. Bold indicates –40°C to +85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IN
Switch Input Voltage
V
IN ≤ VBIAS
14-pin TSSOP
0.8
5.5
V
8-pin SOP
1.6
5.5
V
V
BIAS
Bias Supply Voltage
(14-pin TSSOP)
1.6
5.5
V
I
BIAS
VBIAS Supply Current - Switch OFF
No load
0.1
5
µA
VBIAS Supply Current - Switch ON
No load
300
400
µA
Note 5
V
EN
Enable Input Voltage
V
IL(max)
2.4
1.5
V
V
IH(min)
3.5
2.5
V
V
ENHYST
Enable Input Threshold Hysteresis
100
mV
I
EN
Enable Input Current
V
EN = 0V to 5.5V
–1
.01
1
µA
R
DS(ON)
Switch Resistance
V
IN = VBIAS = 3V, 5V
40
60
mΩ
I
OUT = 500mA
I
LEAK
Output Leakage Current
Output off
10
µA
CLF
Current Limit Factor(2)
V
IN = 5V, 0.5V ≤ VOUT < 0.5VIN
310
395
485
A×Ω
0.5A ≤ IOUT ≤ 3A
V
IN = 3V, 0.5V ≤ VOUT < 0.5VIN
320
385
450
A×Ω
0.5A ≤ IOUT ≤ 3A
V
TH
PGREF and UVLOIN Threshold
V
IN = VBIAS = 1.6V to 5.5V
205
225
245
mV
(14-pin TSSOP)
V
LATCH
Output Reset Threshold
V
IN = 0.8V to 5.5V
V
IN–.0.2
V
V
OUT rising (MIC2043)
I
LATCH
Latched Output Off Current
Output latched off (MIC2043)
1
3
5
mA
V
OL
Output Low Voltage
I
OL (/FAULT) = 15mA
0.4
V
(/FAULT, PWRGD)
I
OL (PWRGD) = 5mA
I
OFF
/FAULT, PWRGD Off Current
V
FAULT = VPWRGD = 5V
1
µA
V
UV
Undervoltage Lockout Threshold
V
IN rising
1.30
1.45
1.58
V
V
IN falling
1.20
1.35
1.50
V
V
UVHYST
Undervoltage Lockout
100
mV
Threshold Hysteresis
V
UVINTH
UVLO Adjust Pin Threshold Voltage
V
IN rising
205
225
245
mV
V
IN falling
185
205
225
mV
V
UVINHYST
UVLO Adjust Pin Threshold Hysteresis
20
mV
Overtemperature Threshold
T
J increasing
140
°C
T
J decreasing
120
°C
Absolute Maximum Ratings(1)
Supply Voltage
V
IN and VBIAS ............................................................................. 6V
/FAULT, PWRGD Output Voltage ................................... 6V
/FAULT, PWRGD Output Current .............................. 25mA
Junction Temperature (T
J) ...................... Internally Limited
ESD Rating(3)
Human Body Model ................................................... 3kV
Machine Model ........................................................ 200V
Operating Ratings(2)
Supply Voltage
V
IN ............................................................... 0.8V to 5.5V
V
BIAS ........................................................... 1.6V to 5.5V
Continuous Output Current ................................ 0.5A to 3A
Ambient Temperature (T
A) ........................... –40°C to 85°C
Package Thermal Resistance
SOP (θJA) .......................................................... 160°C/W
TSSOP (θJA) ....................................................... 85°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com