Electronic Components Datasheet Search
  English  ▼

X  

MIC2043 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2043
Description  Single Channel, High Current, Low Voltage, Protected Power Distribution Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2043 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2043 Datasheet HTML 1Page - Micrel Semiconductor MIC2043 Datasheet HTML 2Page - Micrel Semiconductor MIC2043 Datasheet HTML 3Page - Micrel Semiconductor MIC2043 Datasheet HTML 4Page - Micrel Semiconductor MIC2043 Datasheet HTML 5Page - Micrel Semiconductor MIC2043 Datasheet HTML 6Page - Micrel Semiconductor MIC2043 Datasheet HTML 7Page - Micrel Semiconductor MIC2043 Datasheet HTML 8Page - Micrel Semiconductor MIC2043 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
January 2005
3
M0512-112603
MIC2042/2043
Micrel
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
8-Pin SOP
14-Pin TSSOP
12
EN
Switch Enable Input: Gate control pin of the output MOSFET available as an
active high (–1) or active low (–2) input signal.
23
/FAULT
Fault Status Output: Open-drain N-Channel device, active low. This pin
indicates an overcurrent or thermal shutdown condition. For an overcurrent
event, /FAULT is asserted if the duration of the overcurrent condition lasts
longer than 28ms.
35
GND
Ground Connection: Tie to analog ground.
N/A
9
SLEW
Slew-Rate Control Input: A capacitor connected between this pin and ground
will reduce (slow) the output slew-rate. The output turn-on time must be less
than the nominal flag delay of 28ms in order to avoid nuisance tripping of the
/FAULT output since V
OUT must be “fully on” (i.e., within 200mV of the voltage
at the input) before the /FAULT signal delay elapses. The capacitor requires a
16V rating, or greater, 25V is recommended. See “Applications Information,”
“Output Slew-Rate Adjustment” for further detail.
46
ILIM
Current Limit Set: A resistor, R
SET, connected to this pin sets the current
limit threshold as CLF/R
SET, where CLF is the current limit factor specified in
the “Electrical Characteristics” table. For the MIC2042/43, the continuous
output current range is 0.5A to 3A.
5,7
8,12
VIN
Switch Input Supply: The drain of the output MOSFET. The range of input for
the switch is 0.8V to 5.5V. These pins must be externally connected together
to achieve rated performance.
6,8
10,11,14
VOUT
Switch Output: The source of the output MOSFET. These pins must be
externally connected together to achieve rated performance.
N/A
7
VBIAS
Bias Supply Input: This input pin supplies power to operate the switch and
internal circuitry. The input range for V
BIAS is 1.6V to 5.5V. When switched
voltage (V
IN) is between 1.6V to 5.5V and the use of a single supply is desired,
connect VBIAS to VIN externally.
N/A
13
PGREF
Power-Good Threshold (Input): Analog reference used to specify the
PWRGD threshold. When the voltage at this pin exceeds its threshold, V
TH,
PWRGD is asserted high. An external resistive divider network is used to
determine the output voltage level at which V
TH is exceeded. See
“Functional Description” for further detail. When the PWRGD signal is not
utilized, this input should be tied to VOUT.
N/A
1
PWRGD
Power-Good Output: Active high, open-drain. This pin asserts high when the
voltage at PGREF exceeds its threshold.
N/A
4
UVLOIN
Undervoltage Lockout Adjust Input: With this pin left open, the UVLO
threshold is internally set to 1.45V. When the switching voltage (V
IN) is below
1.6V, connecting an external resistive divider to this input will lower the
UVLO threshold. The total resistance of the divider must be less than
200kΩ. See “Applications Information” for further detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com