Electronic Components Datasheet Search
  English  ▼

X  

MIC2074 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2074
Description  Dual-Channel Power Distribution Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2074 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2074 Datasheet HTML 8Page - Micrel Semiconductor MIC2074 Datasheet HTML 9Page - Micrel Semiconductor MIC2074 Datasheet HTML 10Page - Micrel Semiconductor MIC2074 Datasheet HTML 11Page - Micrel Semiconductor MIC2074 Datasheet HTML 12Page - Micrel Semiconductor MIC2074 Datasheet HTML 13Page - Micrel Semiconductor MIC2074 Datasheet HTML 14Page - Micrel Semiconductor MIC2074 Datasheet HTML 15Page - Micrel Semiconductor MIC2074 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Micrel, Inc.
MIC2073/2074
January 2009
13
M9999-011209
VEN
VOUT
IOUT
Short-Circuit Fault
Thermal
Shutdown
Reached
Load and Fault Removed
(Output Reset)
VFLG
ILIMIT
ILOAD
3ms typ.
delay
Figure 2. MIC2073-2 Fault Timing
Application Information
Supply Filtering
A 0.1µF to 1µF bypass capacitor positioned close to VIN
and GND of the device is strongly recommended to
control supply transients. Without a bypass capacitor, an
output short may cause sufficient ringing on the input
(from supply lead inductance) to damage internal control
circuitry.
Printed Circuit Board Hot-Plug
The MIC2073/2074 are ideal inrush current-limiters for
hot plug applications. Due to their integrated charge
pumps, the MIC2073/2074 present a high impedance
when off and slowly becomes a low impedance as their
integrated charge pumps turn on. This “soft-start” feature
effectively isolates power supplies from highly capacitive
loads by reducing inrush current. Figure 3 shows how
the MIC2074 may be used in a card hot-plug application.
In cases of extremely large capacitive loads (>400µF),
the length of the transient due to inrush current may
exceed the delay provided by the integrated filter. Since
this inrush current exceeds the current-limit delay
specification, FLG will be asserted during this time. To
prevent the logic controller from responding to FLG
being asserted, an external RC filter, as shown in Figure
4, can be used to filter out transient FLG assertion. The
value of the RC time constant should be selected to
match the length of the transient, less tD(min) of the
MIC2073/2074.
Universal Serial Bus (USB) Power Distribution
The MIC2073/2074 are ideally suited for USB (Universal
Serial Bus) power distribution applications. The USB
specification defines power distribution for USB host
systems such as PCs and USB hubs. Hubs can either
be self-powered or bus-powered (that is, powered from
the bus). Figure 5 shows a typical USB Host application
that may be suited for mobile PC applications employing
USB. The requirement for USB host systems is that the
port must supply a minimum of 500mA at an output
voltage of 5V ±5%. In addition, the output power
delivered must be limited to below 25VA. Upon an
overcurrent condition, the host must also be notified. To
support hot-plug events, the hub must have a minimum
of 120µF of bulk capacitance, preferably low ESR
electrolytic or tantalum. Please refer to Application Note
17 for more details on designing compliant USB hub and
host systems.
For bus-powered hubs, USB requires that each
downstream port be switched on or off under control by
the host. Up to four downstream ports each capable of
supplying 100mA at 4.4V minimum are allowed. In
addition, to reduce voltage droop on the upstream VBUS,
soft-start is necessary. Although the hub can consume
up to 500mA from the upstream bus, the hub must
consume only 100mA max at start-up, until it
enumerates with the host prior to requesting more
power. The same requirements apply for bus-powered
peripherals that have no downstream ports. Figure 6
shows a bus-powered hub.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com