Electronic Components Datasheet Search
  English  ▼

X  

MIC2074 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2074
Description  Dual-Channel Power Distribution Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2074 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2074 Datasheet HTML 1Page - Micrel Semiconductor MIC2074 Datasheet HTML 2Page - Micrel Semiconductor MIC2074 Datasheet HTML 3Page - Micrel Semiconductor MIC2074 Datasheet HTML 4Page - Micrel Semiconductor MIC2074 Datasheet HTML 5Page - Micrel Semiconductor MIC2074 Datasheet HTML 6Page - Micrel Semiconductor MIC2074 Datasheet HTML 7Page - Micrel Semiconductor MIC2074 Datasheet HTML 8Page - Micrel Semiconductor MIC2074 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Micrel, Inc.
MIC2073/2074
January 2009
4
M9999-011209
VIN = 5 V; TA = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C; unless noted (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Units
tSC_RESP
Short-Circuit Response Time
V
B
OUT
B
= 0 V, to IOUT = ILIMIT
(short applied to output)
20
µs
t
B
ON
B
Output Turn-On Delay
R
B
L
B
= 10 Ω, C
B
L
B
= 1 µF, see “Timing
Diagrams”
1.3
5
ms
t
B
R
B
Output Turn-On Rise Time
R
B
L
B
= 10 Ω, C
B
L
B
= 1 µF, see “Timing
Diagrams”
0.5
1.15
4.9
ms
t
B
OFF
B
Output Turn-Off Delay
R
B
L
B
= 10 Ω, C
B
L
B
= 1 µF, see “Timing
Diagrams”
35
100
µs
t
B
F
B
Output Turn-Off Fall Time
R
B
L
B
= 10 Ω, C
B
L
B
= 1 µF, see “Timing
Diagrams”
32
100
µs
VIN = 5 V apply VOUT 0 V until FLG LOW
1.5
4
7
ms
tD
Overcurrent Flag Response
Delay
VIN = 3.3 V apply VOUT 0 V until FLG LOW
3
ms
T
B
J
B
increasing, each switch
T
B
J
B
decreasing, each switch
140
120
°C
°C
TOVERTEMP
Overtemperature Threshold
(5)
T
B
J
B
increasing, both switches
T
B
J
B
decreasing, both switches
160
150
°C
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended.
4. Specification for packaged product only.
5. If there is a fault on one channel, that channel will shut down when the die reaches approximately 140°C. If the die reaches
approximately 160°C, both channels will shut down, even if neither channel is in current limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com