Electronic Components Datasheet Search
  English  ▼

X  

MIC2074 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2074
Description  Dual-Channel Power Distribution Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2074 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2074 Datasheet HTML 1Page - Micrel Semiconductor MIC2074 Datasheet HTML 2Page - Micrel Semiconductor MIC2074 Datasheet HTML 3Page - Micrel Semiconductor MIC2074 Datasheet HTML 4Page - Micrel Semiconductor MIC2074 Datasheet HTML 5Page - Micrel Semiconductor MIC2074 Datasheet HTML 6Page - Micrel Semiconductor MIC2074 Datasheet HTML 7Page - Micrel Semiconductor MIC2074 Datasheet HTML 8Page - Micrel Semiconductor MIC2074 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Micrel, Inc.
MIC2073/2074
January 2009
2
M9999-011209
Ordering Information
Part Number
Enable
Package
MIC2073-1YM
Active High
MIC2073-2YM
Active Low
MIC2074-1YM
Active High
MIC2074-2YM
Active Low
8- Pin SOIC
NOTE:
1. MIC2073/2074 are Temperature rated from –40°C to +85°C
2. MIC2073/2074 are all lead free
Pin Configuration
1
ENA
FLGA
FLGB
ENB
8OUTA
IN
GND
OUTB
7
6
5
2
3
4
8-Pin SOIC (M)
MIC2073/2074
Pin Description
Pin Number
Pin Name
Pin Function
1
ENA
Switch A Enable (Input): Logic-compatible, enable input. Active high (-1) or
active low (-2).
2
FLGA
Fault Flag A (Output): Active-low, open-drain output. Low indicates overcurrent
or thermal shutdown conditions. Overcurrent conditions must last longer than t
B
D
B
in order to assert FLGA. FLGA pin can be left floating; however, fault status
information will not be available.
3
FLGB
Fault Flag B (Output): Active-low, open-drain output. Low indicates overcurrent
or thermal shutdown conditions. Overcurrent conditions must last longer than t
B
D
B
in order to assert FLGB. FLGB pin can be left floating; however, fault status
information will not be available.
4
ENB
Switch B Enable (Input): Logic-compatible enable input. Active-high (-1) or
active-low (-2).
5
OUTB
Switch B (Output)
6
GND
Ground
7
IN
Input: Switch and logic supply input.
8
OUTA
Switch A (Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com