Electronic Components Datasheet Search
  English  ▼

X  

MIC2172 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2172
Description  100kHz 1.25A Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2172 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2172 Datasheet HTML 2Page - Micrel Semiconductor MIC2172 Datasheet HTML 3Page - Micrel Semiconductor MIC2172 Datasheet HTML 4Page - Micrel Semiconductor MIC2172 Datasheet HTML 5Page - Micrel Semiconductor MIC2172 Datasheet HTML 6Page - Micrel Semiconductor MIC2172 Datasheet HTML 7Page - Micrel Semiconductor MIC2172 Datasheet HTML 8Page - Micrel Semiconductor MIC2172 Datasheet HTML 9Page - Micrel Semiconductor MIC2172 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Micrel
MIC2172/3172
April 2006
6
M9999-041806
(408) 955-1690
Typical Characteristics MIC3172 (cont)
Parameter
Condition
Min
Typ
Max
Units
Oscillator Section
Frequency (fO)
88
85
100
112
115
kHz
kHz
Duty Cycle [
δ(max)]
80
89
95
%
Sync Coupling Capacitor
Required for Frequency
Lock
VPP = 3.0V
VPP = 40V
22
2.2
51
4.7
120
10
pF
pF
Input Supply Voltage Section and Enable Section
Minimum Operating
Voltage
2.7
3.0
V
Quiescent Current (IQ)
3V
≤ VIN ≤ 40V, VCOMP = 0.6V, ISW = 0
7
9
mA
Supply Current Increase
(
∆IIN)
∆ISW = 1A, VCOMP = 1.5V
9
20
mA
Enable Input Threshold
0.4
1.2
2.4
V
Enable Input Current
VEN = 0V
VEN = 2.4V
–1
0
2
1
10
µA
µA
Bold type denotes specifications applicable to the full operating temperature range.
Note 1. Devices are ESD sensitive. Handling precautions required.
Note 2. For duty cycles (
δ) between 50% and 95%, minimum guaranteed switch current is given by ICL = 0.833 (2- δ) for the MIC3172.
Note 3. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com