Electronic Components Datasheet Search
  English  ▼

X  

MIC2172 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2172
Description  100kHz 1.25A Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2172 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2172 Datasheet HTML 1Page - Micrel Semiconductor MIC2172 Datasheet HTML 2Page - Micrel Semiconductor MIC2172 Datasheet HTML 3Page - Micrel Semiconductor MIC2172 Datasheet HTML 4Page - Micrel Semiconductor MIC2172 Datasheet HTML 5Page - Micrel Semiconductor MIC2172 Datasheet HTML 6Page - Micrel Semiconductor MIC2172 Datasheet HTML 7Page - Micrel Semiconductor MIC2172 Datasheet HTML 8Page - Micrel Semiconductor MIC2172 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MIC2172/3172
100kHz 1.25A Switching Regulators
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
April 2006
M9999-041806
(408) 955-1690
General Description
The MIC2172 and MIC3172 are complete 100kHz SMPS
current-mode controllers with internal 65V 1.25A power
switches.
The
MIC2172
features
external
frequency
synchronization
or
frequency
adjustment,
while
the
MIC3172 features an enable/shutdown control input.
Although
primarily
intended
for
voltage
step-up
applications,
the
floating
switch
architecture
of
the
MIC2172/3172 makes it practical for step-down, inverting,
and Cuk configurations as well as isolated topologies.
Operating from 3V to 40V, the MIC2172/3172 draws only
7mA of quiescent current making it attractive for battery
operated supplies.
The MIC3172 is for applications that require on/off control
of the regulator. The MIC3172 is externally shutdown by
applying a TTL low signal to EN (enable). When disabled,
the MIC3172 draws only leakage current (typically less
than 1µA). EN must be high for normal operation. For
applications not requiring control, EN must be tied to VIN or
TTL high.
The MIC2172 is for applications requiring two or more
SMPS regulators that operate from the same input supply.
The MIC2172 features a SYNC input which allows locking
of its internal oscillator to an external reference. This
makes it possible to avoid the audible beat frequencies
that result from the unequal oscillator frequencies of
independent SMPS regulators.
A reference signal can be supplied by one MIC2172
designated as a master. To insure locking of the slave’s
oscillators, the reference oscillator frequency must be
higher than the slave’s. The master MIC2172’s oscillator
frequency is increased up to 135kHz by connecting a
resistor
from
SYNC
to
ground
(see
applications
information).
The MIC2172/3172 is available in an 8-pin plastic DIP or
SOIC for –40
°C to +85°C operation.
Features
• 1.25A, 65V internal switch rating
• 3V to 40V input voltage range
• Current-mode operation
• Internal cycle-by-cycle current limit
• Thermal shutdown
• Low external parts count
• Operates in most switching topologies
• 7mA quiescent current (operating)
• <1µA quiescent current, shutdown mode (MIC3172)
• TTL shutdown compatibility (MIC3172)
• External frequency synchronization (MIC2172)
• External frequency trim (MIC2172)
• Fits most LT1172 sockets (see applications info)
Applications
• Laptop/palmtop computers
• Toys
• Hand-held instruments
• Off-line converter up to 50W (requires external power
switch)
• Predriver for higher power capability
• Master/slave configurations (MIC2172)
___________________________________________________________________________________________________________


Similar Part No. - MIC2172

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2172 MICREL-MIC2172 Datasheet
129Kb / 16P
100kHz 1.25A Switching Regulators Preliminary Information
MIC2172 MICREL-MIC2172 Datasheet
158Kb / 17P
100kHz 1.25A Switching Regulators
MIC2172BM MICREL-MIC2172BM Datasheet
129Kb / 16P
100kHz 1.25A Switching Regulators Preliminary Information
MIC2172BM MICREL-MIC2172BM Datasheet
158Kb / 17P
100kHz 1.25A Switching Regulators
MIC2172BN MICREL-MIC2172BN Datasheet
129Kb / 16P
100kHz 1.25A Switching Regulators Preliminary Information
More results

Similar Description - MIC2172

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1170 LINER-LT1170 Datasheet
266Kb / 20P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
Micrel Semiconductor
MIC2172 MICREL-MIC2172 Datasheet
129Kb / 16P
100kHz 1.25A Switching Regulators Preliminary Information
MIC2172 MICREL-MIC2172_05 Datasheet
158Kb / 17P
100kHz 1.25A Switching Regulators
logo
Microsemi Corporation
LX2172 MICROSEMI-LX2172 Datasheet
259Kb / 6P
1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR
logo
Unisonic Technologies
P2172 UTC-P2172 Datasheet
180Kb / 7P
100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
logo
Linear Technology
LT1572 LINER-LT1572_15 Datasheet
233Kb / 12P
100kHz, 1.25A Switching Regulator with Catch Diode
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1172 LINER-LT1172_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
Unisonic Technologies
P2172 UTC-P2172_15 Datasheet
180Kb / 7P
100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com