Electronic Components Datasheet Search
  English  ▼

X  

MIC2178YWM Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2178YWM
Description  2.5A Synchronous Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2178YWM Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2178YWM Datasheet HTML 2Page - Micrel Semiconductor MIC2178YWM Datasheet HTML 3Page - Micrel Semiconductor MIC2178YWM Datasheet HTML 4Page - Micrel Semiconductor MIC2178YWM Datasheet HTML 5Page - Micrel Semiconductor MIC2178YWM Datasheet HTML 6Page - Micrel Semiconductor MIC2178YWM Datasheet HTML 7Page - Micrel Semiconductor MIC2178YWM Datasheet HTML 8Page - Micrel Semiconductor MIC2178YWM Datasheet HTML 9Page - Micrel Semiconductor MIC2178YWM Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MIC2178
Micrel, Inc.
M9999-031805
6
March 2005
Block Diagram
SW
PGND
ISENSE
Amp.
PWM/
Skip-Mode
Select
VREF 1.245V
100mΩ
N-channel
100mΩ
P-channel
COMP
VIN
Skip-Mode
Comp.
ILIMIT
Comp.
Output
Control
Logic
Power Good
Comp.
1.13V
R
S
Q
200kHz
Oscillator
PWM
Comp.
3.3V
Regulator
UVLO,
Thermal
Shutdown
VOUT
L
FB
SGND
C
C
PWRGD
0.01µF
10k
EN
BIAS
VIN
4.5V to 16.5V
100µF
SYNC
COUT
MIC2178 [Adjustable]
internal
supply Voltage
Enable
Shutdown
Stop
20
19
18
11
13
2
1
3
8
D
4
5
6
7
R1
R2
12
14
15
16
17
Bold lines indicate
high current traces
ILIMIT
Thresh.
Voltage
PWM
Skip Mode
PWM Mode
10
VIN
Output Good
20k
*
*Connect
SGND to PGND
RC
Reset
Pulse
Corrective
Ramp
VOUT
1.245
R1
R2
1
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com