Electronic Components Datasheet Search
  English  ▼

X  

MIC2178YWM Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2178YWM
Description  2.5A Synchronous Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2178YWM Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2178YWM Datasheet HTML 5Page - Micrel Semiconductor MIC2178YWM Datasheet HTML 6Page - Micrel Semiconductor MIC2178YWM Datasheet HTML 7Page - Micrel Semiconductor MIC2178YWM Datasheet HTML 8Page - Micrel Semiconductor MIC2178YWM Datasheet HTML 9Page - Micrel Semiconductor MIC2178YWM Datasheet HTML 10Page - Micrel Semiconductor MIC2178YWM Datasheet HTML 11Page - Micrel Semiconductor MIC2178YWM Datasheet HTML 12Page - Micrel Semiconductor MIC2178YWM Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
March 2005
9
M9999-031805
MIC2178
Micrel, Inc.
SW
PGND
ISENSE
Amp.
VREF 1.245V
100mΩ
N-channel
100mΩ
P-channel
COMP
VIN
Error
Amp.
R
S
Q
200kHz
Oscillator
PWM
Comp.
VOUT
L1
FB
SGND
C
C
VIN
4.5V to 16.5V
CIN
SYNC
COUT
MIC2178 [Adjustable] PWM-Mode Signal Path
Stop
18
13
2
1
3
8
D
4
5
6
7
R1
R2
12
14
15
16
17
R
C
Corrective
Ramp
Reset
Pulse
IL1
VOUT
1.245
R1
R2
1
9
VSW
IL1
Reset
Pulse
ISENSE
ILOAD
∆IL1
Error Amp.
Output
PWM-Mode Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com