Electronic Components Datasheet Search
  English  ▼

X  

MIC2178YWM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2178YWM
Description  2.5A Synchronous Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2178YWM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2178YWM Datasheet HTML 1Page - Micrel Semiconductor MIC2178YWM Datasheet HTML 2Page - Micrel Semiconductor MIC2178YWM Datasheet HTML 3Page - Micrel Semiconductor MIC2178YWM Datasheet HTML 4Page - Micrel Semiconductor MIC2178YWM Datasheet HTML 5Page - Micrel Semiconductor MIC2178YWM Datasheet HTML 6Page - Micrel Semiconductor MIC2178YWM Datasheet HTML 7Page - Micrel Semiconductor MIC2178YWM Datasheet HTML 8Page - Micrel Semiconductor MIC2178YWM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
March 2005
1
M9999-031805
MIC2178
Micrel, Inc.
MIC2178
2.5A Synchronous Buck Regulator
General Description
The Micrel MIC2178 is a 200kHz synchronous buck (step-
down) switching regulator designed for high-efficiency, bat-
tery-powered applications.
The MIC2178 operates from a 4.5V to 16.5V input and
features internal power MOSFETs that can supply up to 2.5A
output current. It can operate with a maximum duty cycle of
100% for use in low-dropout conditions. It also features a
shutdown mode that reduces quiescent current to less than
5µA.
The MIC2178 achieves high efficiency over a wide output
current range by operating in either PWM or skip mode. The
operating mode is externally selected, typically by an intelli-
gent system, which chooses the appropriate mode according
to operating conditions, efficiency, and noise requirements.
The switching frequency is preset to 200kHz and can be
synchronized to an external clock signal of up to 300kHz.
The MIC2178 uses current-mode control with internal current
sensing. Current-mode control provides superior line regula-
tion and makes the regulator control loop easy to compen-
sate. The output is protected with pulse-by-pulse current
limiting and thermal shutdown. Undervoltage lockout turns
the output off when the input voltage is less than 4.5V.
The MIC2178 and is packaged in a 20-lead wide power SOIC
package with an operating temperature range of –40°C to
+85°C.
See the MIC2177 for automatic selection of PWM or skip-
mode operation.
Typical Application
Features
•4.5V to 16.5V input voltage range
• Dual-mode operation for high efficiency (up to 96%)
PWM mode for > 200mA load current
Skip mode for < 200mA load current
• 100mΩ internal power MOSFETs at 12V input
• 200kHz preset switching frequency
• Low quiescent current
1.0mA in PWM mode
600µA in skip mode
< 5µA in shutdown mode
• Current-mode control
Simplified loop compensation
Superior line regulation
• 100% duty cycle for low dropout operation
•Current limit
• Thermal shutdown
•Undervoltage lockout
Applications
•High-efficiency, battery-powered supplies
• Buck (step-down) dc-to-dc converters
• Palmtop computers
• Laptop computers
• Cellular telephones
•Hand-held instruments
• Battery Chargers
BIAS
SGND
EN
COMP
PGND
FB
OUT
VIN
C5
220µF
10V
VOUT
5V/2.5A
L1, 33µH
C3
6.8nF
C4
0.01µF
R2
10k
MIC2178-5.0
PWM
SYNC
R1
10k
VIN
5.4V to 18V
C2
22µF
35V
U1
20
18
10
13
14–17
19
12
4–7
3,8
1,2,9
D1
MBRS140
SW
10
ENABLE
ON
OFF
PWRGD
11
R1
20k
Skip Mode
PWM Mode
Ouput Good
Output Low
C6
220µF
10V
C1
22µF
35V
70
75
80
85
90
95
100
10
100
1000 2500
OUTPUT CURRENT (mA)
5V Output
Efficiency
V
IN = 6V
SKIP
PWM
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com


Similar Part No. - MIC2178YWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2178 MICREL-MIC2178 Datasheet
170Kb / 16P
2.5A Synchronous Buck Regulator
MIC2178-3.3BWM MICREL-MIC2178-3.3BWM Datasheet
170Kb / 16P
2.5A Synchronous Buck Regulator
MIC2178-5.0BWM MICREL-MIC2178-5.0BWM Datasheet
170Kb / 16P
2.5A Synchronous Buck Regulator
MIC2178BWM MICREL-MIC2178BWM Datasheet
170Kb / 16P
2.5A Synchronous Buck Regulator
More results

Similar Description - MIC2178YWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2177 MICREL-MIC2177 Datasheet
181Kb / 16P
2.5A Synchronous Buck Regulator
MIC2178 MICREL-MIC2178 Datasheet
170Kb / 16P
2.5A Synchronous Buck Regulator
MIC2177 MICREL-MIC2177_08 Datasheet
224Kb / 15P
2.5A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1283PI AOSMD-AOZ1283PI Datasheet
917Kb / 15P
EZBuck??2.5A Simple Buck Regulator
logo
Micrel Semiconductor
MIC24420 MICREL-MIC24420 Datasheet
1Mb / 34P
2.5A Dual Output PWM Synchronous Buck Regulator IC
logo
Sanken electric
NR885E SANKEN-NR885E Datasheet
627Kb / 12P
Synchronous Buck Regulator
logo
ON Semiconductor
NCP1597 ONSEMI-NCP1597_13 Datasheet
346Kb / 13P
Synchronous Buck Regulator
April, 2013 ??Rev. 3
logo
Altera Corporation
ER3110DI ALTERA-ER3110DI Datasheet
2Mb / 23P
Synchronous Buck Regulator
logo
Lowpower Semiconductor ...
LP28303A POWER-LP28303A Datasheet
541Kb / 8P
2.5A Synchronous Buck Li-ion Charger
logo
Alpha & Omega Semicondu...
AOZ1283 AOSMD-AOZ1283 Datasheet
1Mb / 15P
EZBuck™ 2.5A Simple Buck Regulator
Rev. 1.0 May 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com