Electronic Components Datasheet Search
  English  ▼

X  

MIC2199BML Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2199BML
Description  300kHz 4mm 횞 4mm Synchronous Buck Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2199BML Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2199BML Datasheet HTML 6Page - Micrel Semiconductor MIC2199BML Datasheet HTML 7Page - Micrel Semiconductor MIC2199BML Datasheet HTML 8Page - Micrel Semiconductor MIC2199BML Datasheet HTML 9Page - Micrel Semiconductor MIC2199BML Datasheet HTML 10Page - Micrel Semiconductor MIC2199BML Datasheet HTML 11Page - Micrel Semiconductor MIC2199BML Datasheet HTML 12Page - Micrel Semiconductor MIC2199BML Datasheet HTML 13Page - Micrel Semiconductor MIC2199BML Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
January 2010
10
M9999-011310
Micrel, Inc.
MIC2199
where:
IG[high-side](avg) =
averagehigh-sideMOSFETgatecurrent
QG=totalgatechargeforthehigh-sideMOSFET
taken from manufacturer’s data sheet
with VGS = 5V.
fs = 300kHz
Thelow-sideMOSFETisturnedonandoffatVDS=0because
the freewheeling diode is conducting during this time. The
switchinglossesforthelow-sideMOSFETisusuallynegli-
gible.Also,thegatedrivecurrentforthelow-sideMOSFET
is more accurately calculated using CISS at VDS = 0 instead
of gate charge.
Forthelow-sideMOSFET:
IC
Vf
G[low-side](avg)
ISS
GS
S
=×
×
Sincethecurrentfromthegatedrivecomesfromtheinput
voltage, the power dissipated in the MIC2199 due to gate
drive is:
PV II
GATEDRIVE
IN G[high-side](avg)
G[low-side](avg)
=+
()
AconvenientfigureofmeritforswitchingMOSFETsisthe
on-resistance times the total gate charge (RDS(on) × QG).
Lowernumberstranslateintohigherefficiency.Lowgate-
chargelogic-levelMOSFETsareagoodchoiceforusewith
the MIC2199. Power dissipation in the MIC2199 package
limits the maximum gate drive current.
ParametersthatareimportanttoMOSFETswitchselection
are:
• Voltagerating
• On-resistance
• Totalgatecharge
ThevoltageratingoftheMOSFETsareessentiallyequalto
theinputvoltage.Asafetyfactorof20%shouldbeaddedto
the VDS(max)oftheMOSFETstoaccountforvoltagespikes
due to circuit parasitics.
The power dissipated in the switching transistor is the sum
of the conduction losses during the on-time (PCONDUCTION)
and the switching losses that occur during the period of time
whentheMOSFETsturnonandoff(PAC).
PP
P
SW
CONDUCTION
AC
=+
where:
PI
R
CONDUCTION
SW(rms)
SW
2
=×
PP
P
AC
AC(off)
AC(on)
=+
RSW=on-resistanceoftheMOSFETswitch.
Makingtheassumptiontheturn-onandturnofftransitiontimes
are equal, the transition time can be approximated by:
t
CV
CV
I
T
ISS
GS
OSS
IN
G
=
×+
×
where:
CISS and COSS are measured at VDS = 0.
IG = gate drive current (1A for the MIC2199)
Thetotalhigh-sideMOSFETswitchinglossis:
P
(VV )I
tf
AC
IN
DPKT
S
=+
××
×
where:
tT = switching transition time (typically 20ns to 50ns)
VD = freewheeling diode drop, typically 0.5V.
fS it the switching frequency, nominally 300kHz
Thelow-sideMOSFETswitchinglossesarenegligibleand
can be ignored for these calculations.
RMS Current and MOSFET Power Dissipation
Calculation
Undernormaloperation,thehigh-sideMOSFETsRMScur-
rent is greatest when VIN is low (maximum duty cycle). The
low-sideMOSFETsRMScurrentisgreatestwhenVIN is high
(minimum duty cycle). However, the maximum stress the
MOSFETsseeoccursduringshortcircuitconditions,where
the output current is equal to IOVERCURRENT(max).(Seethe
“Sense Resistor” section). The calculations below are for
normal operation. To calculate the stress under short circuit
conditions, substitute IOVERCURRENT(max) for IOUT(max). Use
the formula below to calculate D under short circuit condi-
tions.
D0.063 1.810V
SHORTCIRCUIT
3
IN
=−
××
−
TheRMSvalueofthehigh-sideswitchcurrentis:
ID I
I
12
SW(high side)(rms)
OUT(max)
2
PP
2
−
=×
+
I1 DI
I
12
SW(low side)(rms)
OUT(max)
2
PP
2
−
=−
()
+
where:
D = duty cycle of the converter
D
V
V
OUT
IN
=
×
η
η
=efficiencyoftheconverter.
Converter efficiency depends on component parameters,
which have not yet been selected. For design purposes, an
efficiencyof90%canbeusedforVINlessthan10Vand85%
can be used for VINgreaterthan10V.Theefficiencycanbe
more accurately calculated once the design is complete. If the
assumedefficiencyisgrosslyinaccurate,aseconditeration
through the design procedure can be made.
For the high-side switch, the maximum DC power dissipa-
tion is:
PR
I
SWITCH1(dc)
DS(on)1
SW1(rms) 2
=×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com