Electronic Components Datasheet Search
  English  ▼

X  

MIC2267YML Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2267YML
Description  Input Current Limiting Synchronous Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2267YML Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2267YML Datasheet HTML 1Page - Micrel Semiconductor MIC2267YML Datasheet HTML 2Page - Micrel Semiconductor MIC2267YML Datasheet HTML 3Page - Micrel Semiconductor MIC2267YML Datasheet HTML 4Page - Micrel Semiconductor MIC2267YML Datasheet HTML 5Page - Micrel Semiconductor MIC2267YML Datasheet HTML 6Page - Micrel Semiconductor MIC2267YML Datasheet HTML 7Page - Micrel Semiconductor MIC2267YML Datasheet HTML 8Page - Micrel Semiconductor MIC2267YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Micrel Inc.
MIC2267
January 2011
5
M9999-011711-A
Typical Characteristics
Shutdown Current
vs. Input Voltage
0
10
20
30
40
50
60
70
80
90
100
2.5
3
3.5
4
4.5
5
5.5
6
INPUT VOLTAGE (V)
VEN = 0V
TAMB = 25°C
Shutdown Current
vs. Temperature
0
50
100
150
200
250
300
350
400
450
500
-60 -40 -20
0
20 40 60 80 100
TEMPERATURE (°C)
VEN = 0V
VIN = 5V
Supply Current
vs. Input Voltage
0
1
2
3
4
5
6
7
8
9
10
2.5
3
3.5
4
4.5
5
5.5
6
INPUT VOLTAGE (V)
VEN = 1.8V
TAMB = 25°C
FSW = 1MHz
Supply Current
vs. Temperature
0
1
2
3
4
5
6
7
8
9
10
-50 -30 -10 10 30 50 70 90 110 130
TEMPERATURE (°C)
VEN = 1.8V
VIN = 5V
FSW = 1MHz
Reference Voltage
vs. Input Voltage
0.980
0.985
0.990
0.995
1.000
1.005
1.010
1.015
1.020
2.53
3.5
4
4.55
5.56
INPUT VOLTAGE (V)
TAMB = 25°C
Reference Voltage
vs. Temperature
0.980
0.985
0.990
0.995
1.000
1.005
1.010
1.015
1.020
-50 -30 -10 10 30 50 70 90 110 130
TEMPERATURE (°C)
VIN = 5V
Enable Threshold
vs. Input Voltage
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2.5
3
3.5
4
4.5
5
5.5
6
INPUT VOLTAGE (V)
VEN HIGH
VEN LOW
Enable Threshold
vs. Temperature
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50 -30 -10 10305070 90 110 130
TEMPERATURE (°C)
VEN HIGH
VEN LOW
Switching Frequency
vs. Temperature
800
850
900
950
1000
1050
1100
1150
1200
-50 -30 -10 10305070 90 110 130
TEMPERATURE (°C)
VIN = 5V
MOSFET RDS(ON)
vs. Input Voltage
0
20
40
60
80
100
120
140
160
180
2.53
3.544.5
5
5.5
6
INPUT VOLTAGE (V)
PMOS RDSon
NMOS RDSon
IOUT = 0.5A
TAMB = 25°C
MOSFET RDS(ON)
vs. Temperature
0
20
40
60
80
100
120
140
160
-50 -30 -10 10 30 50 70 90 110 130
TEMPERATURE (°C)
PMOS RDSon
NMOS RDSon
IOUT = 0.5A
VIN = 5V
Output Voltage
vs. Output Current
3.280
3.285
3.290
3.295
3.300
3.305
3.310
3.315
3.320
00.5
1
1.5
2
OUTPUT CURRENT (A)
VIN = 5.5V
VOUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com