Electronic Components Datasheet Search
  English  ▼

X  

MIC2267YML Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2267YML
Description  Input Current Limiting Synchronous Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2267YML Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2267YML Datasheet HTML 6Page - Micrel Semiconductor MIC2267YML Datasheet HTML 7Page - Micrel Semiconductor MIC2267YML Datasheet HTML 8Page - Micrel Semiconductor MIC2267YML Datasheet HTML 9Page - Micrel Semiconductor MIC2267YML Datasheet HTML 10Page - Micrel Semiconductor MIC2267YML Datasheet HTML 11Page - Micrel Semiconductor MIC2267YML Datasheet HTML 12Page - Micrel Semiconductor MIC2267YML Datasheet HTML 13Page - Micrel Semiconductor MIC2267YML Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Micrel Inc.
MIC2267
January 2011
10
M9999-011711-A
This is, effectively, cycle by cycle input current limit
where the average input current in each cycle is limited.
The advantage of this scheme is that when the input
current budget has been used up for that cycle and the
top switch goes off, the output can still draw current from
ground and switching continues in an efficient manor.
Conventional input current limit schemes which utilize an
input switch will effectively drop VIN and leave the
switcher at 100% duty cycle; in effect current limiting like
an LDO current limits.
FILTER
The filter pin can be used to implement a delay to the
input current limit, thus allowing acceptable bursts of
current to pass, unaffected. However the magnitude of
the over current will act to shorten the allowable pulse
width; effectively regulating charge passed; thus for a
given input capacitor, the droop during over current
peaks can be kept constant.
The Delay circuit is an identical circuit to the LIMIT circuit
except that the current being stored on the integrating
capacitor is first sent through a single pole RC filter i.e. a
replica of the P-Channel Drain current is fed into a
parallel RC. The R is set internally to 50kΩ (
±20%) and
the C is the external (CFILTER). The FILTER current limit
is set to 80% of the nominal input current limit, i.e., in the
previous example, whereas the LIMIT circuit has to
charge the storage capacitor CINT to 1V, the FILTER
current limit circuit only has to charge the integration
storage capacitor CINTFIL to 0.8V.
Figure 2. MIC2267 FILTER Pin Operation
The rising function after the integration block (voltage on
CINTFIL) is actually discharged to 0v each cycle, but for
clarity, it is shown as an ‘envelope’ to show its rising
characteristic.
FILTER
IN
LIM
DELAY
C
50kΩ
I
I
0.8
1
ln
T
×
×
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
−
−
=
Typically, CINTFIL takes time to reach this 80% trip level.
Therefore, asserting current limit on the current cycle is
highly dependant on internal delays and the extremity of
the over current. Therefore, if the filter circuit reaches the
80% trigger level in a given cycle (n), the actual current
limit is allowed to work during the next cycle (n+1).
When VOUT < 90% VOUT nominal, e.g. during startup or
large load transients, the filter/delay function is disabled.
This is to allow a defined startup current limit and reduce
voltage peaks.
ENABLE (EN)
This is the enable pin. Taking this pin above 1.8V will
enable the part to begin switching. Taking this pin below
0.4V will put the part into the shutdown mode where
nominally, the part will consume < 1µA.
POWER GOOD (PGOOD)
This is an open drain output which can be connected via
a pull up resistor to VOUT or an external voltage up to
5.5V. This pin is pulled low while the part is enabled and
the output is below 90% of the nominal output voltage.
When the trigger threshold of nominally >90% nominal
VOUT is crossed, the PGOOD N-Channel FET is switched
off and the pin will be high impedance.
Note that the power good function is inactive while the
part is in shutdown (EN=Low). I.E. If the PG pull up
resistor is connected to VIN, PG will be high when EN is
below the enable threshold.
COMP
COMP is the output connection of the voltage error
transconductance amplifier. The MIC2267 is a current
mode controller and therefore will require just a capacitor
and resistor connected from COMP to AGND to create a
single pole, single zero compensator to stabilize the
loop. An additional capacitor from COMP to AGND can
be added to reduce switching jitter due to high frequency
switching noise entering the loop.
If desirable, slope compensation can be increased/
reduced to improve stability/transient response over a
wide duty cycle range including 100%. In such cases,
additional compensation may be added to this pin if
required.
FB
Connect this pin to the junction of the output voltage
feedback resistors. The regulation loop will set the
output voltage to the correct level determined by these
feedback resistor values. The output voltage will be:
VOUT = VREF(1+R1/R2)
For most applications, R2 can be set to 10k and R1 can
be found by:
R1 = R2(VOUT/VREF – 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com