Electronic Components Datasheet Search
  English  ▼

X  

LC66P516 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC66P516
Description  Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66P516 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC66P516 Datasheet HTML 9Page - Sanyo Semicon Device LC66P516 Datasheet HTML 10Page - Sanyo Semicon Device LC66P516 Datasheet HTML 11Page - Sanyo Semicon Device LC66P516 Datasheet HTML 12Page - Sanyo Semicon Device LC66P516 Datasheet HTML 13Page - Sanyo Semicon Device LC66P516 Datasheet HTML 14Page - Sanyo Semicon Device LC66P516 Datasheet HTML 15Page - Sanyo Semicon Device LC66P516 Datasheet HTML 16Page - Sanyo Semicon Device LC66P516 Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Electrical Characteristics at Ta = –30 to +70°C, VSS = 0 V, VDD = 3.0 to 5.5 V unless otherwise specified.
No. 5483-13/25
LC662304A, 662306A, 662308A, 662312A, 662316A
Parameter
Symbol
Conditions
min
typ
max
Unit
Note
P2, P3 (except for the P33/HOLD pin),
IIH1
P61, and P63: VIN = 10.0 V, with the output
5.0
µA
1
Nch transistor off
P0, P1, P4, P5, P6, PC, OSC1, RES, and
Input high-level current
IIH2
P33/HOLD (Does not apply to PD, PE, PC2,
1.0
µA
1
PC3, P61, and P63.): VIN = VDD,
with the output Nch transistor off
IIH3
PD, PE, PC2, PC3: VIN = VDD,
1.0
µA
1
with the output Nch transistor off
IIL1
Input ports other than PD, PE, PC2, and PC3:
–1.0
µA
2
Input low-level current
VIN = VSS, with the output Nch transistor off
IIL2
PC2, PC3, PD, PE: VIN = VSS,
–1.0
µA
2
with the output Nch transistor off
P2, P3 (except for the P33/HOLD pin),
VDD – 1.0
Output high-level voltage
VOH1
P6, and PC: IOH = –1 mA
V3
P2, P3 (except for the P33/HOLD pin),
VDD – 0.5
P6, and PC: IOH = –0.1 mA
Value of the output pull-up resistor
RPO
P0, P1, P4, P5
30
100
150
kΩ
4
VOL1
P0, P1, P2, P3, P4, P5, P6, and PC
0.4
V
Output low-level voltage
(except for the P33/HOLD pin): IOL = 1.6 mA
VOL2
P0, P1, P2, P3, P4, P5, P6, and PC
1.5
V
(except for the P33/HOLD pin): IOL = 8 mA
IOFF1
P2, P3, P61, P63: VIN = VDD
5.0
µA
5
Output off leakage current
IOFF2
Does not apply to P2, P3, P61, and P63:
1.0
µA
5
VIN = VDD
[Schmitt characteristics]
Hysteresis voltage
VHYS
0.1 VDD
V
High-level threshold voltage
Vt H
P2, P3, P5, P6, OSC1 (EXT), RES
0.5 VDD
0.8 VDD
V
Low-level threshold voltage
Vt L
0.2 VDD
0.5 VDD
V
[Ceramic oscillator]
Oscillator frequency
fCF
OSC1, OSC2: Figure 2, 4 MHz
4.0
MHz
Oscillator stabilization time
fCFS
Figure 3, 4 MHz
10.0
ms
[Serial clock]
Cycle time
Input
tCKCY
0.9
µs
Output
2.0
Tcyc
Low-level and high-level
Input
tCKL
0.4
µs
pulse widths
Output
tCKH
1.0
Tcyc
Rise an fall times
Output
tCKR, tCKF
0.1
µs
[Serial input]
Data setup time
tICK
0.3
µs
Data hold time
tCKI
0.3
µs
[Serial output]
SO0: With the timing of Figure 4 and the test
Output delay time
tCKO
load of Figure 5. Stipulated with respect to the
0.3
µs
falling edge (
↓) of SCK0.
SI0: With the timing of Figure 4.
Stipulated with respect to the rising edge (
↑) of
SCK0.
SCK0: With the timing of Figure 4 and the test
load of Figure 5.
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com