Electronic Components Datasheet Search
  English  ▼

X  

LC66P516 Datasheet(PDF) 17 Page - Sanyo Semicon Device

Part # LC66P516
Description  Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66P516 Datasheet(HTML) 17 Page - Sanyo Semicon Device

Back Button LC66P516 Datasheet HTML 13Page - Sanyo Semicon Device LC66P516 Datasheet HTML 14Page - Sanyo Semicon Device LC66P516 Datasheet HTML 15Page - Sanyo Semicon Device LC66P516 Datasheet HTML 16Page - Sanyo Semicon Device LC66P516 Datasheet HTML 17Page - Sanyo Semicon Device LC66P516 Datasheet HTML 18Page - Sanyo Semicon Device LC66P516 Datasheet HTML 19Page - Sanyo Semicon Device LC66P516 Datasheet HTML 20Page - Sanyo Semicon Device LC66P516 Datasheet HTML 21Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
LC66XXXX Series Instruction Table (by function)
Abbreviations:
AC:
Accumulator
E:
E register
CF:
Carry flag
ZF:
Zero flag
HL:
Data pointer DPH, DPL
XY:
Data pointer DPX, DPY
M:
Data memory
M (HL):
Data memory pointed to by the DPH, DPL data pointer
M (XY):
Data memory pointed to by the DPX, DPY auxiliary data pointer
M2 (HL): Two words of data memory (starting on an even address) pointed to by the DPH, DPL data pointer
SP:
Stack pointer
M2 (SP): Two words of data memory pointed to by the stack pointer
M4 (SP): Four words of data memory pointed to by the stack pointer
in:
n bits of immediate data
t2:
Bit specification
PCh:
Bits 8 to 11 in the PC
PCm:
Bits 4 to 7 in the PC
PCl:
Bits 0 to 3 in the PC
Fn:
User flag, n = 0 to 15
TIMER0: Timer 0
TIMER1: Timer 1
SIO:
Serial register
P:
Port
P (i4):
Port indicated by 4 bits of immediate data
INT:
Interrupt enable flag
( ), [ ]:
Indicates the contents of a location
←:
Transfer direction, result
:
Exclusive or
:
Logical and
:
Logical or
+:
Addition
–:
Subtraction
—:
Taking the one's complement
No. 5483-17/25
LC662304A, 662306A, 662308A, 662312A, 662316A
t2
11
10
01
00
Bit
23
22
21
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com