Electronic Components Datasheet Search
  English  ▼

X  

LC66P516 Datasheet(PDF) 21 Page - Sanyo Semicon Device

Part # LC66P516
Description  Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66P516 Datasheet(HTML) 21 Page - Sanyo Semicon Device

Back Button LC66P516 Datasheet HTML 17Page - Sanyo Semicon Device LC66P516 Datasheet HTML 18Page - Sanyo Semicon Device LC66P516 Datasheet HTML 19Page - Sanyo Semicon Device LC66P516 Datasheet HTML 20Page - Sanyo Semicon Device LC66P516 Datasheet HTML 21Page - Sanyo Semicon Device LC66P516 Datasheet HTML 22Page - Sanyo Semicon Device LC66P516 Datasheet HTML 23Page - Sanyo Semicon Device LC66P516 Datasheet HTML 24Page - Sanyo Semicon Device LC66P516 Datasheet HTML 25Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Continued from preceding page.
No. 5483-21/25
LC662304A, 662306A, 662308A, 662312A, 662316A
Continued on next page.
Instruction code
Affected
Mnemonic
Operation
Description
status
Note
D7 D6 D5 D4 D3 D2 D1 D0
bits
[Data pointer manipulation instructions]
IL
Increment DPL
0001
0001
1
1
DPL ← (DPL) + 1
Increment the contents
ZF
of DPL.
DL
Decrement DPL
0010
0001
1
1
DPL ← (DPL) – 1
Decrement the contents
ZF
of DPL.
IY
Increment DPY
0001
0011
1
1
DPY ← (DPY) + 1
Increment the contents
ZF
of DPY.
DY
Decrement DPY
0010
0011
1
1
DPY ← (DPY) – 1
Decrement the contents
ZF
of DPY.
TAH
Transfer AC to DPH
1100
1111
22
DPH ← (AC)
Transfer the contents of AC
1111
0000
to DPH.
THA
Transfer DPH to AC
1100
1111
2
2
AC
← (DP
H)
Transfer the contents of DPH
ZF
1110
0000
to AC.
XAH
Exchange AC
0100
0000
1
1
(AC)
↔ (DPH)
Exchange the contents of AC
with DPH
and DPH.
TAL
Transfer AC to DPL
1100
1111
22
DPL ← (AC)
Transfer the contents of AC
1111
0001
to DPL.
TLA
Transfer DPL to AC
1100
1111
2
2
AC
← (DPL)
Transfer the contents of DPL
ZF
1110
0001
to AC.
XAL
Exchange AC
0100
0001
1
1
(AC)
↔ (DPL)
Exchange the contents of AC
with DPL
and DPL.
TAX
Transfer AC to DPX
1100
1111
22
DPX ← (AC)
Transfer the contents of AC
1111
0010
to DPX.
TXA
Transfer DPX to AC
1100
1111
2
2
AC
← (DPX)
Transfer the contents of DPX
ZF
1110
0010
to AC.
XAX
Exchange AC
0100
0010
1
1
(AC)
↔ (DPX)
Exchange the contents of AC
with DPX
and DPX.
TAY
Transfer AC to DPY
1100
1111
22
DPY ← (AC)
Transfer the contents of AC
1111
0011
to DPY.
TYA
Transfer DPY to AC
1100
1111
2
2
AC
← (DPY)
Transfer the contents of DPY
ZF
1110
0011
to AC.
XAY
Exchange AC
0100
0011
1
1
(AC)
↔ (DPY)
Exchange the contents of AC
with DPY
and DPY.
[Flag manipulation instructions]
SFB n4
Set flag bit
0111
n3 n2 n1 n0
1
1
Fn
← 1
Set the flag specified
by n4 to 1.
RFB n4
Reset flag bit
0011
n3 n2 n1 n0
1
1
Fn
← 0
Reset the flag specified
ZF
by n4 to 0.
[Jump and subroutine instructions]
PC13, 12
←
This becomes
JMP
Jump in the current
1110 P11P10P9 P8
PC13, 12
Jump to the location in the
PC12 + (PC12)
addr
bank
P7 P6 P5 P4 P3 P2 P1 P0
22
PC11 to 0
←
same bank specified by the
immediately
P11 to P8
immediate data P12.
following a BANK
instruction.
Jump to the address
PC13 to 8
←
Jump to the location
JPEA
stored at E and AC
0010
0111
1
1
PC13 to 8,
determined by replacing the
in the current page
PC7 to 4
← (E),
lower 8 bits of the PC
PC3 to 0
← (AC)
by E, AC.
PC13 to 11
← 0,
PC10 to 0
←
CAL
Call subroutine
0101
0 P10P9 P8
22
P10 to P0,
Call a subroutine.
addr
P7 P6 P5 P4 P3 P2 P1 P0
M4 (SP)
←
(CF, ZF, PC13 to 0),
SP
← (SP)-4
PC13 to 6,
PC10
← 0,
CZP
Call subroutine in the
1010
P3 P2 P1 P0
12
PC5 to 2
← P
3 to P0, Call a subroutine on page 0
addr
zero page
M4 (SP)
←
in bank 0.
(CF, ZF, PC12 to 0),
SP
← SP-4
BANK
Change bank
0001
1011
1
1
Change the memory bank
and register bank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com