Electronic Components Datasheet Search
  English  ▼

X  

LC66P308 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC66P308
Description  Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66P308 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC66P308 Datasheet HTML 9Page - Sanyo Semicon Device LC66P308 Datasheet HTML 10Page - Sanyo Semicon Device LC66P308 Datasheet HTML 11Page - Sanyo Semicon Device LC66P308 Datasheet HTML 12Page - Sanyo Semicon Device LC66P308 Datasheet HTML 13Page - Sanyo Semicon Device LC66P308 Datasheet HTML 14Page - Sanyo Semicon Device LC66P308 Datasheet HTML 15Page - Sanyo Semicon Device LC66P308 Datasheet HTML 16Page - Sanyo Semicon Device LC66P308 Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Continued from preceding page.
Usage Notes
1. Option specification
When using a Sanyo cross assembler with the LC66P5316, use the version called “LC66S.EXE” and specify the
actual microcontroller to be evaluated with the CPU pseudoinstruction in the source file. The port options must be
specified in the source file. The cross assembler will create an options code list in the option specification area
(locations 3FF0H to 3FFFH). It is also possible to directly set up data in the option specification area. If this is done,
the options must be specified according to the option code creation table shown on the following page.
2. Writing the EPROM
Use a special-purpose writing conversion board (the W66EP5316D for the DIP package, and the W66EP5316Q for
the QFP package) to allow the EPROM programmers listed below to be used when writing the data created by the
cross assembler to the LC66P5316.
• The EPROM programmers listed below can be used.
• The “27512 (VPP 12.5 V) Intel high-speed write” technique must be used to write the EPROM. Set the address
range to location 0 to 3FFFH. The DASEC jumper must be off.
3. Using the data security function
The data security function sets up the microcontroller in advance so that data that was written to the microcontroller
EPROM cannot be read out.
Use the following procedure to enable the LC66P5316 data security function.
• Set the write conversion board DASEC jumper to the on position.
• Write the data to the EPROM once again.
At this time, since this function will operate, the EPROM programmer will issue an error. However, this error does
not indicate that there was a problem in either the programmer or the LSI.
Notes: 1. If the data at all addresses was “FF” at step 2, the data security function will not be activated.
Notes: 2. The data security function will not be activated at step 2 if the “blank
→ program → verify” operation
sequence is used.
Notes: 3. Always return the jumper to the off position after the data security function has been activated.
No. 5489-13/28
LC66P5316
ROM area
Bit
Option specified
Option/data relationship
7
6
5
3FFEH
4
Reserved. Must be set to predefined data values.
This data is generated by the assembler.
3
If the assembler is not used, set this data to ‘00’.
2
1
0
7
6
5
3FFFH
4
Reserved. Must be set to predefined data values.
This data is generated by the assembler.
3
If the assembler is not used, set this data to ‘00’.
2
1
0
Manufacturer
Models that can be used
Advantest
R4945, R4944A, R4943, or equivalent products
Ando
AF9704
AVAL
—
Minato Electronics
MODEL1890A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com