Electronic Components Datasheet Search
  English  ▼

X  

LC66P308 Datasheet(PDF) 17 Page - Sanyo Semicon Device

Part # LC66P308
Description  Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66P308 Datasheet(HTML) 17 Page - Sanyo Semicon Device

Back Button LC66P308 Datasheet HTML 13Page - Sanyo Semicon Device LC66P308 Datasheet HTML 14Page - Sanyo Semicon Device LC66P308 Datasheet HTML 15Page - Sanyo Semicon Device LC66P308 Datasheet HTML 16Page - Sanyo Semicon Device LC66P308 Datasheet HTML 17Page - Sanyo Semicon Device LC66P308 Datasheet HTML 18Page - Sanyo Semicon Device LC66P308 Datasheet HTML 19Page - Sanyo Semicon Device LC66P308 Datasheet HTML 20Page - Sanyo Semicon Device LC66P308 Datasheet HTML 21Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Continued from preceding page.
Note: 1. With the output Nch transistor off in shared I/O ports with the open-drain output specifications. These pins cannot be used as input pins if the
CMOS output specifications are selected.When the port option is selected for PE.
2. With the output Nch transistor off in shared I/O ports with the open-drain output specifications. The rating for the pull-up output specification pins is
stipulated in terms of the output pull-up current IPO. These pins cannot be used as input pins if the CMOS output specifications are selected.
3. With the output Nch transistor off for CMOS output specification pins. (Also applies when the Pch open-drain option is selected for P8.)
4. With the output Nch transistor off for pull-up output specification pins.
5. When CMOS output specifications are selected for P8.
6. With the output Nch transistor off for open-drain output specification pins.
7. With the output Pch transistor off for open-drain output specification pins.
8. Reset state
Comparator Characteristics at Ta = –30 to +70°C, VSS = 0 V
Note: 1. Does not include the quantization error.
Figure 1 External Clock Input Waveform
No. 5489-17/28
LC66P5316
Parameter
Symbol
Conditions
min
typ
max
Unit
Note
[Pulse conditions]
INT0: Figure 6, conditions under which the INT0
INT0 high and low-level
tIOH, tIOL
interrupt can be accepted, conditions under
2
Tcyc
which the timer 0 event counter or pulse width
measurement input can be accepted
High and low-level pulse widths
tIIH, tIIL
INT1, INT2: Figure 6, conditions under which
2
Tcyc
for interrupt inputs other than INT0
the corresponding interrupt can be accepted
PIN1 high and low-level
tPINH, tPINL
PIN1: Figure 6, conditions under which the
2
Tcyc
pulse widths
timer 1 event counter input can be accepted
RES high and low-level
tRSH, tRSL
RES: Figure 6, conditions under which reset
3
Tcyc
pulse widths
can be applied.
Operating current drain
IDD OP
VDD: 4-MHz ceramic oscillator
6.0
12
mA
8
VDD: 4-MHz external clock
6.0
12
mA
VDD: 4-MHz ceramic clock
4.0
8
mA
Halt mode current drain
IDDHALT
VDD: 32 kHz (main oscillator stopped),
100
500
µA
sub-oscillator: crystal
Hold mode current drain
IDDHOLD
VDD: VDD = 1.8 to 5.5 V
0.01
10
µA
Parameter
Symbol
Conditions
min
typ
max
Unit
Note
Absolute precision
VCECM
AN1 to AN4: VDD = 4.0 to 5.5 V
±1/2
±1
LSB
1
Threshold voltage
VTHCM
VDD = 4.0 to 5.5 V
VSS
VDD
V
Input voltage
VINCM
AN1 to AN4: VDD = 4.0 to 5.5 V
VSS
VDD
V
Conversion time
TCCM
VDD = 4.0 to 5.5 V
30
µs
textL
OPEN
(OSC2)
OSC1
textR
textF
VSS
VDD
0.2VDD
0.8VDD
1/fext
textH
External clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com