Electronic Components Datasheet Search
  English  ▼

X  

LC66P308 Datasheet(PDF) 21 Page - Sanyo Semicon Device

Part # LC66P308
Description  Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66P308 Datasheet(HTML) 21 Page - Sanyo Semicon Device

Back Button LC66P308 Datasheet HTML 17Page - Sanyo Semicon Device LC66P308 Datasheet HTML 18Page - Sanyo Semicon Device LC66P308 Datasheet HTML 19Page - Sanyo Semicon Device LC66P308 Datasheet HTML 20Page - Sanyo Semicon Device LC66P308 Datasheet HTML 21Page - Sanyo Semicon Device LC66P308 Datasheet HTML 22Page - Sanyo Semicon Device LC66P308 Datasheet HTML 23Page - Sanyo Semicon Device LC66P308 Datasheet HTML 24Page - Sanyo Semicon Device LC66P308 Datasheet HTML 25Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
No. 5489-21/28
LC66P5316
Continued on next page.
Instruction code
Affected
Mnemonic
Operation
Description
status
Note
D7 D6 D5 D4 D3 D2 D1 D0
bits
[Accumulator manipulation instructions]
CLA
Clear AC
1000
0000
1
1
AC
← 0
Clear AC to 0.
ZF
Has a vertical
(Equivalent to LAI 0.)
skip function.
DAA
Decimal adjust AC
1100
1111
22
AC
← (AC) + 6
Add six to AC.
ZF
in addition
0010
0110
(Equivalent to ADI 6.)
Decimal adjust AC
1100
1111
AC
← (AC) + 10
DAS
in subtraction
0010
1010
2
2
(Equivalent to
Add 10 to AC.
ZF
ADI 0AH.)
CLC
Clear CF
0001
1110
1
1
CF
← 0
Clear CF to 0.
CF
STC
Set CF
0001
1111
1
1
CF
← 1
Set CF to 1.
CF
CMA
Complement AC
0001
1000
1
1
AC
← (AC)
Take the one’s complement
ZF
of AC.
IA
Increment AC
0001
0100
1
1
AC
← (AC) + 1
Increment AC.
ZF, CF
DA
Decrement AC
0010
0100
1
1
AC
← (AC) – 1
Decrement AC.
ZF, CF
Rotate AC right
AC3 ← (CF),
RAR
through CF
0001
0000
1
1
ACn
← (ACn + 1),
Shift AC (including CF) right.
CF
CF
← (AC
0)
Rotate AC left
AC0 ← (CF),
RAL
through CF
0000
0001
1
1
ACn + 1
← (ACn),
Shift AC (including CF) left.
CF, ZF
CF
← (AC
3)
TAE
Transfer AC to E
0100
0101
1
1
E
← (AC)
Transfer the contents of AC to E.
TEA
Transfer E to AC
0100
0110
1
1
AC
← (E)
Transfer the contents of E to AC.
ZF
XAE
Exchange AC with E
0100
0100
1
1
(AC)
↔ (E)
Exchange the contents of
AC and E.
[Memory manipulation instructions]
IM
Increment M
0001
0010
1
1
M (HL)
←
Increment M (HL).
ZF, CF
[M (HL)] + 1
DM
Decrement M
0010
0010
1
1
M (HL)
←
Decrement M (HL).
ZF, CF
[M (HL)] – 1
IMDR i8
Increment M direct
1100
0111
2
2
M (i8)
← [M (i8)] + 1 Increment M (i8).
ZF, CF
I7 I6 I5 I4 I3 I2 I1 I0
DMDR i8 Decrement M direct
1100
0011
2
2
M (i8)
← [M (i8)] – 1 Decrement M (i8).
ZF, CF
I7 I6 I5 I4 I3 I2 I1 I0
SMB t2
Set M data bit
0000
11 t1 t0
1
1
[M (HL), t2]
← 1
Set the bit in M (HL) specified
by t0 and t1 to 1.
RMB t2
Reset M data bit
0010
11 t1 t0
1
1
[M (HL), t2]
← 0
Clear the bit in M (HL)
ZF
specified by t0 and t1 to 0.
[Arithmetic, logic and comparison instructions]
Add the contents of AC and
AD
Add M to AC
0000
0110
1
1
AC
← (AC) +
M (HL) as two’s complement
ZF, CF
[M (HL)]
values and store the result
in AC.
Add the contents of AC and
ADDR i8 Add M direct to AC
1100
1001
2
2
AC
← (AC) + [M (i8)]
M (i8) as two’s complement
ZF, CF
I7 I6 I5 I4 I3 I2 I1 I0
values and store the result
in AC.
Add the contents of AC,
ADC
Add M to AC with CF
0000
0010
1
1
AC
← (AC) +
M (HL) and C as two’s
ZF, CF
[M (HL)] + (CF)
complement values and
store the result in AC.
Add the contents of AC and
ADI i4
Add immediate data
1100
1111
22
AC
← (AC) +
the immediate data as two’s
ZF
to AC
0010
I3 I2 I1 I0
I3, I2, I1, I0
complement values and store
the result in AC.
Subtract the contents of AC
CF will be zero if
SUBC
Subtract AC from M
0001
0111
1
1
AC
← [M (HL)] –
and CF from M (HL) as two’s
ZF, CF
there was a
with CF
(AC) – (CF)
complement values and store
borrow and one
the result in AC.
otherwise.
And M with AC then
AC
← (AC)
Take the logical and of AC
ANDA
store AC
0000
0111
1
1
[M (HL)]
and M (HL) and store the
ZF
result in AC.
Or M with AC then
AC
← (AC)
Take the logical or of AC and
ORA
store AC
0000
0101
1
1
[M (HL)]
M (HL) and store the result
ZF
in AC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com