Electronic Components Datasheet Search
  English  ▼

X  

MIC5295 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5295
Description  Low Quiescent Current, 150mA LDO Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5295 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5295 Datasheet HTML 1Page - Micrel Semiconductor MIC5295 Datasheet HTML 2Page - Micrel Semiconductor MIC5295 Datasheet HTML 3Page - Micrel Semiconductor MIC5295 Datasheet HTML 4Page - Micrel Semiconductor MIC5295 Datasheet HTML 5Page - Micrel Semiconductor MIC5295 Datasheet HTML 6Page - Micrel Semiconductor MIC5295 Datasheet HTML 7Page - Micrel Semiconductor MIC5295 Datasheet HTML 8Page - Micrel Semiconductor MIC5295 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Micrel, Inc.
MIC5295
November 2009
2
M9999-110209-A
Ordering Information
Part Number
Marking Code
Voltage
Junction Temp. Range
Package
MIC5295-3.0YD
5295-30Y
3.0V
–40° to +125°C
5-Pin TO-252
MIC5295-3.3YD
5295-33Y
3.3V
–40° to +125°C
5-Pin TO-252
MIC5295-5.0YD
5295-50Y
5.0V
–40° to +125°C
5-Pin TO-252
MIC5295YD
5295YD
Adj
–40° to +125°C
5-Pin TO-252
Pin Configuration
5-Pin TO-252
Pin Description
Pin Number
Pin Name
Pin Function
1
EN
Enable (Input): Logic low = shutdown; logic high = enable. Do not leave floating.
2
VIN
Supply Input.
3
GND
Ground.
4
VOUT
Regulator Output.
NC(fixed)
No Connect.
5
ADJ(adj)
Adjust (Input): Feedback input. Connect to resistive Voltage-divider network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com